전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-19243XXXA 데이터시트(PDF) 24 Page - ABLIC Inc.

부품명 S-19243XXXA
상세설명  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXA 데이터시트(HTML) 24 Page - ABLIC Inc.

Back Button S-19243XXXA Datasheet HTML 20Page - ABLIC Inc. S-19243XXXA Datasheet HTML 21Page - ABLIC Inc. S-19243XXXA Datasheet HTML 22Page - ABLIC Inc. S-19243XXXA Datasheet HTML 23Page - ABLIC Inc. S-19243XXXA Datasheet HTML 24Page - ABLIC Inc. S-19243XXXA Datasheet HTML 25Page - ABLIC Inc. S-19243XXXA Datasheet HTML 26Page - ABLIC Inc. S-19243XXXA Datasheet HTML 27Page - ABLIC Inc. S-19243XXXA Datasheet HTML 28Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxA Series
Rev.3.2_00
24
2. Types in which output voltage is externally set
2. 1 S-19243xxxA Series A / B / C / D type (HSOP-6)
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
ON / OFF
VADJ
Rb
*3
Ra
*3
VSS
*1. CIN is a capacitor for stabilizing the input.
*2. CL is a capacitor for stabilizing the output.
*3. Ra and Rb are resistors for output voltage external setting.
Figure 27
2. 1 S-19243xxxA Series E / F / G / H type (HSOP-8A, HSNT-8(2030))
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
ON / OFF
VADJ
Rb
*4
Ra
*4
SSC
VSS
CSS
*3
*1. CIN is a capacitor for stabilizing the input.
*2. CL is a capacitor for stabilizing the output.
*3. CSS is a capacitor for soft-start.。
*4. Ra and Rb are resistors for output voltage external setting.
Figure 28
Caution The above connection diagram and constants will not guarantee successful operation. Perform
thorough evaluation including the temperature characteristics with an actual application to set the
constants.


유사한 부품 번호 - S-19243XXXA

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

유사한 설명 - S-19243XXXA

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com