전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-19244XXXH 데이터시트(HTML) 44 Page - ABLIC Inc.

부품명 S-19244XXXH
상세내용  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo 

S-19244XXXH 데이터시트(HTML) 44 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
/ 68 page
 44 / 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
44
Power Dissipation
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
TO-252-5S(A)
E
D
C
B
A
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
HSOP-8A
E
D
C
B
A
Board
Power Dissipation (PD)
Board
Power Dissipation (PD)
A
1.45 W
A
1.20 W
B
2.08 W
B
1.69 W
C
3.29 W
C
3.21 W
D
4.03 W
D
3.38 W
E
4.46 W
E
4.03 W
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
HSOP-6
E
D
B
A
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
HSNT-8(2030)
E
B
D
A
C
Board
Power Dissipation (PD)
Board
Power Dissipation (PD)
A
1.30 W
A
0.69 W
B
1.69 W
B
0.93 W
C
C
3.13 W
D
2.84 W
D
2.98 W
E
3.05 W
E
3.91 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn