전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TYN20B-800T 데이터시트(PDF) 2 Page - WeEn Semiconductors

부품명 TYN20B-800T
상세설명  SCR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

TYN20B-800T 데이터시트(HTML) 2 Page - WeEn Semiconductors

  TYN20B-800T Datasheet HTML 1Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 2Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 3Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 4Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 5Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 6Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 7Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 8Page - WeEn Semiconductors TYN20B-800T Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
WeEn Semiconductors
TYN20B-800T
SCR
TYN20B-800T
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2019. All rights reserved
10 May 2019
2 / 12
5. Pinning information
6. Ordering information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
1
2
3
sym037
A
K
G
2
A
anode
3
G
gate
mb
A
mounting base; connected to
anode
Table 3. Ordering information
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dVD/dt
rate of rise of off-state
voltage
VDM = 402 V; Tj = 150 °C; exponential
waveform; gate open circuit
1000
-
-
V/μs
VDM = 536 V; Tj = 150 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit
500
-
-
V/μs
Type number
Package
Name
Orderable part number Packing
method
Small packing
quantity
Package
version
Package
issue date
TYN20B-800T
TO263
TYN20B-800TJ
Reel
800
TO263E
26-May-2017


유사한 부품 번호 - TYN20B-800T

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
TYN20B-600T WEEN-TYN20B-600T Datasheet
457Kb / 12P
   SCR
More results

유사한 설명 - TYN20B-800T

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com