전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1010-1099A 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 SD1010-1099A
상세설명  Analog-Interface XGA TFT LCD Display Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SD1010-1099A 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SD1010-1099A Datasheet HTML 5Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 6Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 7Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 8Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 9Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 10Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 11Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 12Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
SmartASIC, Inc.
SD1010A
November, 1999
SmartASIC Confidential
9
Revision B
Table 2: SD1010 pin description (sorted by function)
Symbol
PIN Number
I/O
Description
R_IN00
90
I
Channel A Data Input Color Red (LSB)
R_IN01
91
I
Channel A Data Input Color Red
R_IN02
92
I
Channel A Data Input Color Red
R_IN03
93
I
Channel A Data Input Color Red
R_IN04
95
I
Channel A Data Input Color Red
R_IN05
96
I
Channel A Data Input Color Red
R_IN06
97
I
Channel A Data Input Color Red
R_IN07
98
I
Channel A Data Input Color Red (MSB)
G_IN00
102
I
Channel A Data Input Color Green (LSB)
G_IN01
103
I
Channel A Data Input Color Green
G_IN02
104
I
Channel A Data Input Color Green
G_IN03
105
I
Channel A Data Input Color Green
G_IN04
107
I
Channel A Data Input Color Green
G_IN05
108
I
Channel A Data Input Color Green
G_IN06
110
I
Channel A Data Input Color Green
G_IN07
111
I
Channel A Data Input Color Green (MSB)
B_IN00
115
I
Channel A Data Input Color Blue (LSB)
B_IN01
116
I
Channel A Data Input Color Blue
B_IN02
117
I
Channel A Data Input Color Blue
B_IN03
119
I
Channel A Data Input Color Blue
B_IN04
120
I
Channel A Data Input Color Blue
B_IN05
121
I
Channel A Data Input Color Blue
B_IN06
122
I
Channel A Data Input Color Blue
B_IN07
123
I
Channel A Data Input Color Blue (MSB)
HSYNC_I
125
I
Input HSYNC (any polarity)
VSYNC_I
126
I
Input VSYNC (any polarity)
DE_IN
127
I
DE input for digital interface (reserved)
ADC_CLK0
109
O
Sample Clock for ADC 0
R_OUT0_E
27
O
Output Color Red Even Pixel (left pixel)
R_OUT1_E
28
O
Output Color Red Even Pixel (left pixel)
R_OUT2_E
29
O
Output Color Red Even Pixel (left pixel)
R_OUT3_E
30
O
Output Color Red Even Pixel (left pixel)
R_OUT4_E
32
O
Output Color Red Even Pixel (left pixel)
R_OUT5_E
33
O
Output Color Red Even Pixel (left pixel)
R_OUT6_E
34
O
Output Color Red Even Pixel (left pixel)
R_OUT7_E
35
O
Output Color Red Even Pixel (left pixel)
R_OUT0_O
37
O
Output Color Red Odd Pixel (right pixel)
R_OUT1_O
38
O
Output Color Red Odd Pixel (right pixel)
R_OUT2_O
39
O
Output Color Red Odd Pixel (right pixel)
R_OUT3_O
40
O
Output Color Red Odd Pixel (right pixel)
R_OUT4_O
42
O
Output Color Red Odd Pixel (right pixel)
R_OUT5_O
43
O
Output Color Red Odd Pixel (right pixel)
R_OUT6_O
44
O
Output Color Red Odd Pixel (right pixel)
R_OUT7_O
45
O
Output Color Red Odd Pixel (right pixel)
G_OUT0_E
47
O
Output Color Green Even Pixel (left pixel)


유사한 부품 번호 - SD1010-1099A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
logo
Sirectifier Semiconduct...
SD1010 SIRECTIFIER-SD1010 Datasheet
225Kb / 2P
   Discrete Diodes
logo
Dc Components
SD10100 DCCOM-SD10100 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Pan Jit International I...
SD10100CS PANJIT-SD10100CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD10100CS PANJIT-SD10100CS Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SD1010-1099A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
   Analog-Interface XGA/SXGA TFT LCD Display Controller
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
   Dual-Interface SXGA TFT LCD Display Controller
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
   Digital-Interface XGA LCD Controller
GM2116 ETC-GM2116 Datasheet
182Kb / 2P
   ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
   XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
GMZAN3 ETC1-GMZAN3 Datasheet
556Kb / 53P
   XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com