전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100E151 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC100E151
상세설명  6-BIT D REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E151 데이터시트(HTML) 3 Page - ON Semiconductor

  MC100E151 Datasheet HTML 1Page - ON Semiconductor MC100E151 Datasheet HTML 2Page - ON Semiconductor MC100E151 Datasheet HTML 3Page - ON Semiconductor MC100E151 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10E151 MC100E151
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776–02
ISSUE D
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.004 (0.100)
SEATING
PLANE
-T-
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
2
°
10.42
1.02
12.57
12.57
4.57
2.79
0.48
0.81
11.58
11.58
1.21
1.21
1.42
0.50
10
°
10.92
1.27 BSC
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIM G1, TRUE POSITION TO BE MEASURED
AT DATUM -T-, SEATING PLANE.
3. DIM R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
VIEW S
B
U
Z
G1
X
VIEW D-D
H
K
F
VIEW S
G
C
Z
A
R
E
J
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
2
°
0.410
0.040
0.495
0.495
0.180
0.110
0.019
0.032
0.456
0.456
0.048
0.048
0.056
0.020
10
°
0.430
0.050 BSC
-N-
Y BRK
D
D
W
-M-
-L-
28
1
V
G1
K1


유사한 부품 번호 - MC100E151

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100E151 ONSEMI-MC100E151 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC100E151FN ONSEMI-MC100E151FN Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC100E151FNG ONSEMI-MC100E151FNG Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC100E151FNG ONSEMI-MC100E151FNG Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC100E151FNR2 ONSEMI-MC100E151FNR2 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results

유사한 설명 - MC100E151

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151 Datasheet
66Kb / 4P
   6-BIT D REGISTER
SY10E151 MICREL-SY10E151_08 Datasheet
64Kb / 4P
   6-BIT D REGISTER
SY10E151 MICREL-SY10E151_06 Datasheet
63Kb / 4P
   6-BIT D REGISTER
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com