전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATS22C17Q 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 ATS22C17Q
상세설명  soft starter-ATS22-control 220V-power 230V(45kW)/400...440V(90kW)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ATS22C17Q 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  ATS22C17Q Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Communication data link
Serial
Physical interface
RS485 multidrop
Transmission rate
4800, 9600 or 19200 bps
Installed device
31
Protection type
Phase failure: line
Thermal protection: motor
Thermal protection: starter
Marking
CE
Type of cooling
Forced convection
Operating position
Vertical +/- 10 degree
Height
356 mm
Width
150 mm
Depth
229.5 mm
Net weight
18 kg
Motor power range AC-3
30…50 KW at 200…240 V 3 phases
55…100 kW at 380…440 V 3 phases
Motor starter type
Soft starter
Environment
Electromagnetic compatibility
Conducted and radiated emissions level A conforming to IEC 60947-4-2
Damped oscillating waves level 3 conforming to IEC 61000-4-12
Electrostatic discharge level 3 conforming to IEC 61000-4-2
Immunity to electrical transients level 4 conforming to IEC 61000-4-4
Immunity to radiated radio-electrical interference level 3 conforming to IEC
61000-4-3
Voltage/current impulse level 3 conforming to IEC 61000-4-5
Standards
EN/IEC 60947-4-2
Product certifications
CSA
C-Tick
GOST
UL
CCC
Vibration resistance
1 gn (f= 13…200 Hz) conforming to EN/IEC 60068-2-6
1.5 mm (f= 2…13 Hz) conforming to EN/IEC 60068-2-6
Shock resistance
15 gn for 11 ms conforming to EN/IEC 60068-2-27
Noise level
56 dB
Pollution degree
Level 2 conforming to IEC 60664-1
Relative humidity
0…95 % without condensation or dripping water conforming to EN/IEC 60068-2-3
Ambient air temperature for operation
-10…40 °C (without)
40…60 °C (with current derating 2.2 % per °C)
Ambient air temperature for storage
-25…70 °C
Operating altitude
<= 1000 m without
> 1000...< 2000 m with current derating of 2.2 % per additional 100 m
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Decla-
ration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
WEEE
The product must be disposed on European Union markets following specific
waste collection and never end up in rubbish bins
Contractual warranty
Warranty
12 months


유사한 부품 번호 - ATS22C17Q

제조업체부품명데이터시트상세설명
logo
Schneider Electric
ATS22C25Q SCHNEIDER-ATS22C25Q Datasheet
231Kb / 10P
   soft starter-ATS22-control 220V-power
Aug 9, 2019
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
   soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
More results

유사한 설명 - ATS22C17Q

제조업체부품명데이터시트상세설명
logo
Schneider Electric
ATS22D88Q SCHNEIDER-ATS22D88Q Datasheet
283Kb / 11P
   soft starter-ATS22-control 220V-power 230V(22kW)/400...440V(45kW)
Aug 9, 2019
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
   soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
ATS22D32Q SCHNEIDER-ATS22D32Q Datasheet
281Kb / 11P
   soft starter-ATS22-control 220V-power 230V(7.5kW)/400...440V(15kW)
Aug 9, 2019
ATS22D17Q SCHNEIDER-ATS22D17Q Datasheet
223Kb / 43P
   soft starter-ATS22-control 220V-power 230V(4kW)/400...440V(7.5kW)
logo
List of Unclassifed Man...
ATS22D47Q ETC1-ATS22D47Q Datasheet
222Kb / 10P
   soft starter-ATS22-control 220V-power 230V(11kW)/400...440V(22kW)
logo
Schneider Electric
ATS22D75Q SCHNEIDER-ATS22D75Q Datasheet
283Kb / 11P
   soft starter-ATS22-control 220V-power 230V(18.5kW)/400...440V(37kW)
Aug 9, 2019
ATS22C25Q SCHNEIDER-ATS22C25Q Datasheet
231Kb / 10P
   soft starter-ATS22-control 220V-power
Aug 9, 2019
ATS22D62S6U SCHNEIDER-ATS22D62S6U Datasheet
272Kb / 10P
   soft starter-ATS22-control110V-power
Aug 9, 2019
ATS480D22Y SCHNEIDER-ATS480D22Y Datasheet
404Kb / 9P
   Altivar Soft Starter ATS480, 22 A, 208...690V AC, control supply 110...230V AC
Apr 30, 2022
ATS480D62Y SCHNEIDER-ATS480D62Y Datasheet
403Kb / 9P
   Altivar Soft Starter ATS480, 62 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com