전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HF3000C-YXS 데이터시트(PDF) 2 Page - Soshin electric Co., Ltd.

부품명 HF3000C-YXS
상세설명  3-phase 3-line 500VAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOSHIN [Soshin electric Co., Ltd.]
홈페이지  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

HF3000C-YXS 데이터시트(HTML) 2 Page - Soshin electric Co., Ltd.

  HF3000C-YXS Datasheet HTML 1Page - Soshin electric Co., Ltd. HF3000C-YXS Datasheet HTML 2Page - Soshin electric Co., Ltd. HF3000C-YXS Datasheet HTML 3Page - Soshin electric Co., Ltd. HF3000C-YXS Datasheet HTML 4Page - Soshin electric Co., Ltd. HF3000C-YXS Datasheet HTML 5Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
fig.2 (40
60A)
fig.3
80A
100A)


유사한 부품 번호 - HF3000C-YXS

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
HF3000C-SJB SOSHIN-HF3000C-SJB Datasheet
331Kb / 4P
   3-phase 3-line 500VAC
HF3000C-SZA SOSHIN-HF3000C-SZA Datasheet
283Kb / 5P
   3-phase 3-line 500VAC
HF3000C-SZB SOSHIN-HF3000C-SZB Datasheet
201Kb / 4P
   3-phase 3-line 500VAC
HF3000C-SZC SOSHIN-HF3000C-SZC Datasheet
278Kb / 5P
   3-phase 3-line 500VAC
HF3000C-SZL SOSHIN-HF3000C-SZL Datasheet
512Kb / 4P
   3-phase 3-line 500VAC
More results

유사한 설명 - HF3000C-YXS

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
HF3000C-XZ SOSHIN-HF3000C-XZ Datasheet
194Kb / 4P
   3-phase 3-line 500VAC
HF3000C-SZA SOSHIN-HF3000C-SZA Datasheet
283Kb / 5P
   3-phase 3-line 500VAC
NF3000C-YXZ SOSHIN-NF3000C-YXZ Datasheet
686Kb / 5P
   3-phase 3-line 500VAC
HF3000C-SJB SOSHIN-HF3000C-SJB Datasheet
331Kb / 4P
   3-phase 3-line 500VAC
HF3000C-SZB SOSHIN-HF3000C-SZB Datasheet
201Kb / 4P
   3-phase 3-line 500VAC
HF3000C-SZC SOSHIN-HF3000C-SZC Datasheet
278Kb / 5P
   3-phase 3-line 500VAC
HF3000C-TM SOSHIN-HF3000C-TM Datasheet
302Kb / 4P
   3-phase 3-line 500VAC
HF3000C-SZL SOSHIN-HF3000C-SZL Datasheet
512Kb / 4P
   3-phase 3-line 500VAC
NF3000C-SJB SOSHIN-NF3000C-SJB Datasheet
333Kb / 4P
   3-phase 3-line 500VAC
NF3000C-SVL SOSHIN-NF3000C-SVL Datasheet
625Kb / 4P
   3-phase 3-line 500VAC
NF3000C-VZ SOSHIN-NF3000C-VZ Datasheet
361Kb / 5P
   3-phase 3-line 500VAC
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com