전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SNP-HFA 데이터시트(PDF) 4 Page - Skynet Electronic Copyright

부품명 SNP-HFA
상세설명  Medical & ITE General Purpose
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYNET [Skynet Electronic Copyright]
홈페이지  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-HFA 데이터시트(HTML) 4 Page - Skynet Electronic Copyright

  SNP-HFA Datasheet HTML 1Page - Skynet Electronic Copyright SNP-HFA Datasheet HTML 2Page - Skynet Electronic Copyright SNP-HFA Datasheet HTML 3Page - Skynet Electronic Copyright SNP-HFA Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-4
JAN. 2018
-Jim-
Rated
100W
Max.
130W
Peak
150W
SNP-HFA Series
Medical & ITE
General Purpose
7. +24V step response
8. FCC B (Class I)
9. FCC B (Class II)
10. EN55011 22 B (Class I)
11. EN55011 22 B (Class II)
12. Power derating curve
+24V
0.50V/div, 2ms/div
+24V step from 0.83A to 4.17A


유사한 부품 번호 - SNP-HFA

제조업체부품명데이터시트상세설명
logo
Skynet Electronic Copyr...
SNP-HF3 SKYNET-SNP-HF3 Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF37 SKYNET-SNP-HF37 Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF37-A SKYNET-SNP-HF37-A Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF38 SKYNET-SNP-HF38 Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF38-A SKYNET-SNP-HF38-A Datasheet
612Kb / 4P
   Medical & ITE General Purpose
More results

유사한 설명 - SNP-HFA

제조업체부품명데이터시트상세설명
logo
Skynet Electronic Copyr...
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
   Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
   Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
   Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
   Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
   Medical & ITE General Purpose
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
   Medical & ITE General Purpose
SNP-G16 SKYNET-SNP-G16 Datasheet
624Kb / 4P
   Medical & ITE General Purpose
SNP-G20 SKYNET-SNP-G20 Datasheet
634Kb / 4P
   Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
   Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com