전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TWR-LS1021A 데이터시트(PDF) 24 Page - Freescale Semiconductor, Inc

부품명 TWR-LS1021A
상세설명  TWR-LS1021A Reference Manual
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-LS1021A 데이터시트(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button TWR-LS1021A Datasheet HTML 20Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 21Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 22Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 23Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 24Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 25Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 26Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 27Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-9
2.6.1.1
Single-Source SYSCLK
A new feature supported on TWR-LS1021A is “single-source” clocking. In this mode, a differential clock
is supplied to the DIFF_SYSCLK_P/DIFF_SYSCLK_N inputs to the processor, which is in turn used to
supply clocks to the core and platform (SYSCLK), DDR controller (DDRCLK) and USB controller
(USBCLK).
2.6.2
SerDes clocks
The LS1021A SerDes port accepts two different differential clock inputs (SD1_REFCLK1 and
SD1_REFCLK2), allowing the flexibility to use different protocols with different clock rates on the
SerDes pins. The clock inputs are provided by the IDT clock generator device, which can generate the
required 100.00 or 125.00 frequencies.
2.6.3
Ethernet and USB clocks
Ethernet clock is also provided by an IDT6V49205BNLGI, which supplies 125.0 MHz to the Ethernet port
clock inputs (EC3_GTXCLK_125), as well as to the separate RGMII PHYs. Additionally, a 60 MHz
reference clock is provided for the USBCLK input from external USB PHY.
Additionally, for the Ethernet PHY input clocks are individually supplied by IDT6V49205BNLGI as well.
2.7
Memory controllers
The TWR-LS1021A supports high-speed DRAM with 1 GB DDR3L SDRAM discrete devices (32-bit
bus). The memory interface includes all the necessary termination and I/O power, and is routed so as to
achieve maximum performance of the memory bus, as shown in Figure 2-7.


유사한 부품 번호 - TWR-LS1021A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TWR-016N ETC1-TWR-016N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
TWR-026N ETC1-TWR-026N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Murata Manufacturing Co...
TWR-22W MURATA-TWR-22W Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D12-C MURATA-TWR-3.3/4-12/300-D12-C Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D24-C MURATA-TWR-3.3/4-12/300-D24-C Datasheet
222Kb / 9P
   Isolated, High Reliability
More results

유사한 설명 - TWR-LS1021A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com