전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT-6 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 CAT-6
상세설명  CAT-6 UTP SOLUTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CAT-6 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  CAT-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAT-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAT-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAT-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAT-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAT-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
L
A
N
Application:
Voice
Fast Ethernet(IEEE802.3u)
100Vg-AnyLAN(IEEE 802.12)
Token Ring(IEEE 802.5)
TP-PMD(ANSI X3T9.5)
100Base-T Ethernet(IEEE 802.5)
155/622 Mbps 1.2/ 2.4 Gbps ATM
1000Base-T Ethernet
550 MHz Broadband Vedio
Industry Standard:
UL, C(UL), ETL Verified
TIA/EIA 568B
ISO/IEC 11801
EN 50173
Cable Data:
No. of Pairs:4
Jacket Color:Gray
Insulation Thickness: 0.33mm
Nom.O.D.:6.5mm
Flame Rating:CM
Package: Reel, 305m(1,000ft)/ box
Transmission quality verified up to 250MHz
Cat.6 4 Pair UTP Cable
P/N
Description
Conductor:24AWG Bare Solid Copper
Insulation:HDPE, FRPE, 100%FEP
Ripcord:Under jacket (For Bare Solid Copper)
Jacket:FRPVC
1101-04001
Frequency
Attenuation Max.
NEXT
Power Sum
EFLEXT
(MHz)
dB/100M
dB/100m
Minimum dB/100m
(dB/ 100m)
1
4
10
16
20
31.25
62.5
100
200
250
2.0
3.8
6.0
7.6
8.5
10.7
15.5
19.9
29.2
33.0
74.3
65.3
59.3
56.2
54.8
51.9
47.4
44.3
39.8
38.3
72.3
63.3
57.3
54.2
52.8
49.9
45.4
42.3
37.8
36.3
Product Electrical Characteristics:
Impedance:100 ± 15 ohms
Mutual Capacitance, max. nf/ 100m: 5.6
DC Resistance, max. Ohms/ 100m: 9.38
Capacitance Unbalance(Pair to Ground):
330pf/ 100m max.
67.0
55.0
46.8
42.7
40.8
36.9
30.9
26.8
20.8
18.8


유사한 부품 번호 - CAT-6

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
CAT-ATS0002 TEC-CAT-ATS0002 Datasheet
94Kb / 1P
   BRAKE CYLINDER POSITION SENSOR
CAT-ATS0003 TEC-CAT-ATS0003 Datasheet
88Kb / 1P
   BRAKE LIGHT SENSOR
CAT-ATS0004 TEC-CAT-ATS0004 Datasheet
97Kb / 1P
   BRAKE LIGHT SENSOR (self-adjusting features)
CAT-ATS0005 TEC-CAT-ATS0005 Datasheet
97Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 1
CAT-ATS0006 TEC-CAT-ATS0006 Datasheet
96Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 2
More results

유사한 설명 - CAT-6

제조업체부품명데이터시트상세설명
logo
Qualtek Electronics Cor...
1226012-07 QUALTEK-1226012-07 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226013-10 QUALTEK-1226013-10 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226017-14 QUALTEK-1226017-14 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226006-03 QUALTEK-1226006-03 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226021-20 QUALTEK-1226021-20 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226003-01 QUALTEK-1226003-01 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226008-05 QUALTEK-1226008-05 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226010-07 QUALTEK-1226010-07 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226007-05 QUALTEK-1226007-05 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226015-10 QUALTEK-1226015-10 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com