전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24FC32PITE13 데이터시트(PDF) 2 Page - Catalyst Semiconductor

부품명 CAT24FC32PITE13
상세설명  32K-Bit I2C Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32PITE13 데이터시트(HTML) 2 Page - Catalyst Semiconductor

  CAT24FC32PITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT24FC32
2
Doc. No. 1092, Rev. J
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) These parameters aretested initially and after a design or process change that affects the parameter according tp appropriate AEC-Q100
and JEDEC test methods..
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Maximum standby current (ISB) = 10µA for the Extended Automotive temperature range.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current - Read
fSCL = 400 KHz
1
mA
VCC=5V
ICC2
Power Supply Current - Write
fSCL = 400KHz
3
mA
VCC=5V
ISB(5)
Standby Current
VIN = GND or VCC
1
µA
VCC=5V
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
1
µA
VIL
Input Low Voltage
-0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (VCC = +3.0V)
IOL = 3.0 mA
0.4
V
RELIABILITY CHARACTERISTICS(3)
Symbol
Parameter
Min
Typ
Max
Units
NEND
Endurance
1,000,000
Cycles/Byte
TDR
Data Retention
100
Years
VZAP
ESD Susceptibility
4000
Volts
ILTH(4)
Latch-up
100
mA
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Conditions
Min
Typ
Max
Units
CI/O(3)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN(3)
Input Capacitance (SCL, WP, A0, A1)
VIN = 0V
6
pF
ZWPL
WP Input Impedance
VIN ≤ 0.5V
5
70
k
ZWPH
WP Input Impedance
VIN>0.7VxVCC
500
k
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V, unless otherwise specified.
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA


유사한 부품 번호 - CAT24FC32PITE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32A CATALYST-CAT24FC32A Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32AJTE13 CATALYST-CAT24FC32AJTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32AKTE13 CATALYST-CAT24FC32AKTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32ALTE13 CATALYST-CAT24FC32ALTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32APTE13 CATALYST-CAT24FC32APTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
More results

유사한 설명 - CAT24FC32PITE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC32A CATALYST-CAT24FC32A Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com