전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24FC32A 데이터시트(PDF) 6 Page - Catalyst Semiconductor

부품명 CAT24FC32A
상세설명  32K-Bit Fast Mode I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32A 데이터시트(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24FC32A Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT24FC32A
6
Doc. No. 1048, Rev. F
WP: Write Protect
This input controls the device write protect feature. WP
pin connected to VSS allows write operations to the entire
memory. When this pin is connected to Vcc, the entire
memory is write protected. When left floating, an internal
pull-down resistor on this input will keep the memory
unprotected. Read operations are not affected.
A0, A1, A2: Device Address Inputs
These inputs are used for extended addressing capability.
The A0, A1, A2 pins can be hardwired to VCC or VSS, or
left unconnected. When hardwired, up to eight
CAT24FC32As may be addressed on a single bus
system. When the pins are left unconnected, the default
values are zero. The levels on these inputs are compared
with corresponding bits, A2, A1, A0, from the slave
address byte.
PIN DESCRIPTION
SCL: Serial Clock
The serial clock input clocks all data transferred into or
out of the device. The SCL line requires a pull-up resistor
if it is driven by an open drain output.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA pin
is an open drain output and can be wire-ORed with other
open drain or open collector outputs. A pull-up resistor
must be connected from SDA line to Vcc. The value of
the pull-up resistor, Rp, can be calculated based on
minimum and maximum values from Figure 4 and Figure
5. (see Note).
Figure 4
Figure 5
Note: According to the Fast Mode I2C bus specification, for bus capacitance up to 200pF, the pull up device
can be a resistor. For bus loads between 200pF and 400pF, the pull-up device can be a current source
(Imax=3mA) or a switched resistor circuit.
Minimum RP as a Function of Supply Voltage
(IOL = 3mA @ VOLmax)
1
0.5
0
1.6
2
2.4
2.8
3.2
3.6
VCC (V)
Minimum RP Value versus Bus Capacitance
(Fast Mode I2C Bus / tr max = 300ns)
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
50
100
150
200
250
300
350
400
Cbus (pF)


유사한 부품 번호 - CAT24FC32A

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLETE13 CATALYST-CAT24FC32GLETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLITE13 CATALYST-CAT24FC32GLITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWETE13 CATALYST-CAT24FC32GWETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWITE13 CATALYST-CAT24FC32GWITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
More results

유사한 설명 - CAT24FC32A

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com