전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24FC32APTE13 데이터시트(PDF) 8 Page - Catalyst Semiconductor

부품명 CAT24FC32APTE13
상세설명  32K-Bit Fast Mode I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32APTE13 데이터시트(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24FC32APTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24FC32APTE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT24FC32A
8
Doc. No. 1048, Rev. F
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8 bits
of data. The SDA line remains stable LOW during the
HIGH period of the acknowledge related clock pulse
(Figure 8).
The CAT24FC32A responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation,
it responds with an acknowledge after receiving each 8-
bit byte. The CAT24FC32A does not generate
acknowledge if an internal write cycle is in progress.
When the CAT24FC32A begins a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT24FC32A will continue to transmit
data. If no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition. The master must then issue a stop condition
to return the CAT24FC32A to the standby power mode
and place the device in a known state.
Figure 8. Acknowledge Timing
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
two 8-bit address words that are to be written into the
address pointers of the CAT24FC32A. After receiving
another acknowledge from the Slave, the Master device
transmits the data to be written into the addressed
memory location. The CAT24FC32A acknowledges once
more and the Master generates the STOP condition. At
this time, the device begins an internal programming
cycle to nonvolatile memory. While the cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24FC32A writes up to 32 bytes of data, in a
single write cycle, using the Page Write operation. The
page write operation is initiated in the same manner as
the byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 31 additional bytes. After each byte has
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 9. Byte Write Timing
A15—A 8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7—A 0
BYTE ADDRESS
A
C
K
X
X
XX
X = Don't care bit


유사한 부품 번호 - CAT24FC32APTE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLETE13 CATALYST-CAT24FC32GLETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLITE13 CATALYST-CAT24FC32GLITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWETE13 CATALYST-CAT24FC32GWETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWITE13 CATALYST-CAT24FC32GWITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
More results

유사한 설명 - CAT24FC32APTE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com