전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24FC32AWTE13 데이터시트(PDF) 3 Page - Catalyst Semiconductor

부품명 CAT24FC32AWTE13
상세설명  32K-Bit Fast Mode I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32AWTE13 데이터시트(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC32AWTE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT24FC32A
3
Doc. No. 1048, Rev. F
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ILI
Input Leakage Current(4)
-10
10
µAVIN = GND to VCC
ILO
Output Leakage Current(4)
-10
10
µAVIN = GND to VCC
ICC1
Power Supply Current
3
mA
fSCL = 400kHz
(Operating Write)
VCC = 3.6V
ICC2
Power Supply Current
400
µAfSCL = 400kHz
(Operating Read)
VCC = 3.6V
ISB(1)
Standby Current
0
µAVCC = 3.6V
VIN = GND or VCC
VIL(2)
Input Low Voltage
-0.5
0.3VCC
V
VIH(2)
Input High Voltage
0.7VCC
VCC + 0.5
V
VOL1
Output Low Voltage
0.4
V
2.5V
≤ VCC ≤ 3.6V
IOL = 3.0 mA
VOL2
Output Low Voltage
0.2VCC
V
1.8V
≤ VCC < 2.5V
IOL = 3 mA
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions, unless otherwise specified
Note:
(1) Standby current, ISB < 900 nA; A0, A1, A2, WP connected to GND; SCL, SDA = GND or VCC.
(2) VIL min and VIH max are reference values only and are not tested.
(3) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(4) I/O pins, SDA and SCL do not obstruct the bus lines if VCC is switched off.
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 3.6V
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (A0, A1, A2, SCL, WP)
6
pF
VIN = 0V


유사한 부품 번호 - CAT24FC32AWTE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLETE13 CATALYST-CAT24FC32GLETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLITE13 CATALYST-CAT24FC32GLITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWETE13 CATALYST-CAT24FC32GWETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWITE13 CATALYST-CAT24FC32GWITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
More results

유사한 설명 - CAT24FC32AWTE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com