전자부품 데이터시트 검색엔진 |
|
CAT24WC66WI-1.8TE13 데이터시트(PDF) 2 Page - Catalyst Semiconductor |
|
CAT24WC66WI-1.8TE13 데이터시트(HTML) 2 Page - Catalyst Semiconductor |
2 / 10 page CAT24WC66 2 Doc. No. 1037, Rev. H ABSOLUTE MAXIMUM RATINGS* Temperature Under Bias ................. –55 °C to +125°C Storage Temperature ....................... –65 °C to +150°C Voltage on Any Pin with Respect to Ground(1) ........... –2.0V to +VCC + 2.0V VCC with Respect to Ground ............... –2.0V to +7.0V Package Power Dissipation Capability (TA = 25 °C) ................................... 1.0W RELIABILITY CHARACTERISTICS D.C. OPERATING CHARACTERISTICS VCC = +1.8V to +6.0V, unless otherwise specified. CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V Note: (1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V. (5) Maximum standby current (ISB ) = 10µA for the Automotive and Extended Automotive temperature range. l o b m y Sr e t e m a r a Pd o h t e M t s e T e c n e r e f e Rn i Mx a Ms t i n U D N E N ) 3 ( e c n a r u d n E3 3 0 1 d o h t e M t s e T , 3 8 8 - D T S - L I M0 0 0 , 0 0 0 , 1e t y B / s e l c y C R D T ) 3 ( n o i t n e t e R a t a D8 0 0 1 d o h t e M t s e T , 3 8 8 - D T S - L I M0 0 1s r a e Y P A Z V ) 3 ( y t il i b i t p e c s u S D S E5 1 0 3 d o h t e M t s e T , 3 8 8 - D T S - L I M0 0 0 2s t l o V H T L I ) 4 ( ) 3 ( p u - h c t a L7 1 d r a d n a t S C E D E J0 0 1A m l o b m y Sr e t e m a r a Ps n o i t i d n o Cn i Mp y Tx a Ms t i n U C O / I ) 3 ( e c n a t i c a p a C t u p t u O / t u p n I ) A D S ( V O / I V 0 =8 F p C N I ) 3 ( e c n a t i c a p a C t u p n I ) P W , L C S , 2 A , 1 A , 0 A ( V N I V 0 =6 F p Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(2) ........................ 100mA *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tn i Mp y Tx a Ms t i n U I C C t n e r r u C y l p p u S r e w o Pf L C S z H k 0 0 1 =3 A m I B S ) 5 ( ) V 5 = C C V ( t n e r r u C y b d n a t SV N I V r o D N G = C C 1A µ I I L t n e r r u C e g a k a e L t u p n IV N I V o t D N G = C C 0 1A µ I O L t n e r r u C e g a k a e L t u p t u OV T U O V o t D N G = C C 0 1A µ V L I e g a t l o V w o L t u p n I1 -V C C 3 . 0 xV V H I e g a t l o V h g i H t u p n IV C C 7 . 0 xV C C 5 . 0 +V V 1 L O e g a t l o V w o L t u p t u O V ( C C ) V 0 . 3 + = I L O A m 0 . 3 =4 . 0V V 2 L O e g a t l o V w o L t u p t u O V ( C C ) V 8 . 1 + = I L O A m 5 . 1 =5 . 0V |
유사한 부품 번호 - CAT24WC66WI-1.8TE13 |
|
유사한 설명 - CAT24WC66WI-1.8TE13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |