전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM93LC86NA 데이터시트(PDF) 4 Page - Anachip Corp

부품명 AM93LC86NA
상세설명  16384-bits Serial Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANACHIP [Anachip Corp]
홈페이지  
Logo ANACHIP - Anachip Corp

AM93LC86NA 데이터시트(HTML) 4 Page - Anachip Corp

  AM93LC86NA Datasheet HTML 1Page - Anachip Corp AM93LC86NA Datasheet HTML 2Page - Anachip Corp AM93LC86NA Datasheet HTML 3Page - Anachip Corp AM93LC86NA Datasheet HTML 4Page - Anachip Corp AM93LC86NA Datasheet HTML 5Page - Anachip Corp AM93LC86NA Datasheet HTML 6Page - Anachip Corp AM93LC86NA Datasheet HTML 7Page - Anachip Corp AM93LC86NA Datasheet HTML 8Page - Anachip Corp AM93LC86NA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Oct 20, 2003
4/12
Pin Capacitance (note) (T
A=25°C, F=1Mhz )
Symbol
Parameter
Max
Unit
COUT
Output capacitance
5
pF
CIN
Input capacitance
5
pF
Note: The parameter is characterized and isn’t 100% tested.
Instruction Set
Address
Input data
Instruction
(note)
Start bit
Op code
X8
X16
×
8
×
16
READ
1
10
A10 ~ A0
A9 ~ A0
-
-
EWEN
1
00
11XXXXXXXXX
11XXXXXXXX
-
-
WRITE
1
01
A10 ~ A0
A9 ~ A0
D7 – D0
D15 - D0
WRAL
1
00
01XXXXXXXXX
01XXXXXXXX
D7 – D0
D15 - D0
EWDS
1
00
00XXXXXXXXX
00XXXXXXXX
-
-
ERASE
1
11
A10 ~ A0
A9 ~ A0
-
-
ERAL
1
00
10XXXXXXXXX
10XXXXXXXX
-
-
Note:
READ: Read
EWDS: Erase/write disable
EWEN: Erase/write enable
ERASE: Erase
WRITE: Write
ERAL: Erase all
WRAL: Write all
Functional Description
Endurance and data retention
The AM93LC86 is designed for applications
requiring up to 1M programming cycles (WRITE,
WRAL, EARSE and ERAL). It provides 40 years of
secure data retention.
Device operation
The AM93LC86 is controlled by seven 13-bit
instructions. Instructions are clocked in (serially) on
the DI pin. Each instruction begins with a logical "1"
(the start bit). This is followed by the opcode (2 bits),
the address field (10/11 bits), and data, if
appropriated,. The clock signal (SK) may be halted
at any time and the AM93LC86 will remain in its last
state. This allows full static flexibility and maximum
power conservation.
Auto increment read operations
Sequential read is possible, since the AM93LC86
has been designed to output a continuous stream
of memory
content
in
response to a
single
read
operation instruction. To utilize this function, the
system asserts a read instruction specifying a start
location address. Once the 8-bit or 16-bit of the
addressed word have been clocked out, the data in
consecutively higher address locations is output.
The address will wrap around continuously with CS
high until the chip select (CS) control pin is brought
low. This allows for single instruction data dumps to
be executed with a minimum of firmware overhead.
Read (READ)
The READ instruction is the only instruction that
outputs serial data on the DO pin. After the read
instruction and address have been decoded, data is
transferred from the selected memory register into
a 8-bit or 16-bit serial shift register. (Please note
that one logical "0" bit precedes the actual 8-bit or
16-bit output data string.) The output on DO
changes during the rising edge transitions of SK.
(shown in figure 3)


유사한 부품 번호 - AM93LC86NA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
More results

유사한 설명 - AM93LC86NA

제조업체부품명데이터시트상세설명
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com