전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51918 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 ES51918
상세설명  11,000 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

ES51918 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ES51918 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 11Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 12Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 13Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
v1.02
05/06/30
10
ES51918
11,000 Counts Auto DMM
1.1.6 The true RMS-to-DC conversion with ES7R
If ES7R is used for true RMS-to-DC measurement, the test circuit is shown in Figure 3.
Make ADO and ADI pin short, and TEST5 pin keeps float. Connect OVSG pin to
AGND through a switch in ACV measurement mode. If the DCV and ACV
measurement modes are in the same rotary switch, please also add this switch in the
rotary switch. The configuration of this switch will not influence the precision of DCV
measurement. The 500kΩ VR, 1kΩ resistor and 10Ω resistor are used for external
offset trim. If users don’t want to use external offset trim, please remove these 3
resistors and connect pin1 of ES7R to pin8 of ES7R.
Figure 3. The true RMS-to-DC conversion with ES7R
+Vs
-Vs
500K
1K
100
AGND
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
1.111M
101K
10K
1K
99.5
AGND
ACV
AGND
1
2
3
4
8
7
6
5
2.2u
+
+Vs
AGND
-Vs
100K
1.5K
-Vs
N1
N2
AGND
+Vs -Vs
2
3
1
5
4
7
6
AGND
1u
+
47K
TL061
30K
10K
ADI
ADO
ADOHZ
PWD
OP-
OP+
OPO
AGND
10K
30K
0.1u
AGND
+Vs
+Vs
-Vs
4.7u
Note: The filter capacitors for +Vs
and -Vs are recommended to near to
the power terminals of ES7R and
external OPAMP.


유사한 부품 번호 - ES51918

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918P CYRUSTEK-ES51918P Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
More results

유사한 설명 - ES51918

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com