전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6821D 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 SS6821D
상세설명  Single-cell Lithium-lon Battery Protection IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SS6821D 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SS6821D Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6821D Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
SS6821
DESIGN GUIDE
Selection of external control MOSFETs
Because the over-current protection voltage is
pre-set, the threshold current for over-current
detection is determined by the on-resistance of
the discharge control MOSFET M1. The
required on-resistance of the external control
MOSFETs can be determined by the equation:
RON=VOIP/ (2 x IT) (IT is the over-current
threshold current). For example, if the over-
current threshold current IT is designed to be
3A, the on-resistance of the external control
MOSFETs must be 33m
Ω. Users should be
aware that on-resistance of the MOSFET
changes with temperature variation due to heat
dissipation.
It
changes
with
the
voltage
between gate and source as well. (On-
resistance of a MOSFET increases as the
voltage between gate and source decreases).
Once the on-resistance of the external MOSFET
changes, the over-current threshold current will
change accordingly.
Suppressing the ripple and disturbance
from the charger
To suppress the ripple and disturbance from the
charger, connecting R1, C1 to the VCC pin is
recommended.
Protection at CS pin
R2 is used for latch-up protection when the
charger is connected under an over-discharge
condition,
and
over-stress
protection
for
accidental reverse-connection of the charger. A
larger value of R2 reduces the charger leakage
current in over-charge mode, but may possibly
disable the charge detection function after over-
discharge. A resistance value of 100K
Ω is
recommended.
12/6/2004 Rev.2.02


유사한 부품 번호 - SS6821D

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
SS6821-ACVTR SSC-SS6821-ACVTR Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
SS6821-BCVTR SSC-SS6821-BCVTR Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
SS6821-CCVTR SSC-SS6821-CCVTR Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
SS6821-DCVTR SSC-SS6821-DCVTR Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
More results

유사한 설명 - SS6821D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
UCC3952A-1 TI1-UCC3952A-1 Datasheet
144Kb / 9P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
SHENZHEN FUMAN ELECTRON...
FM2115 FUMAN-FM2115 Datasheet
225Kb / 7P
   Single lithium battery protection IC
FM2118 FUMAN-FM2118 Datasheet
179Kb / 7P
   Single lithium battery protection IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com