전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5927 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL5927
상세설명  Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5927 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL5927 Datasheet HTML 2Page - Intersil Corporation ISL5927 Datasheet HTML 3Page - Intersil Corporation ISL5927 Datasheet HTML 4Page - Intersil Corporation ISL5927 Datasheet HTML 5Page - Intersil Corporation ISL5927 Datasheet HTML 6Page - Intersil Corporation ISL5927 Datasheet HTML 7Page - Intersil Corporation ISL5927 Datasheet HTML 8Page - Intersil Corporation ISL5927 Datasheet HTML 9Page - Intersil Corporation ISL5927 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
AC CHARACTERISTICS (Using Figure 13 with RDIFF = 50Ω and RLOAD = 50Ω, Full Scale Output = -2.5dBm)
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 210MSPS, fOUT = 80.8MHz, 30MHz Span (Notes 4, 8)
-
73
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz, 30MHz Span (Notes 4, 8)
-
80
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz, 20MHz Span (Notes 4, 8)
-
86
-
dBc
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 260MSPS, fOUT = 80.8MHz (Notes 4, 8)
-
56
-
dBc
fCLK = 260MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
63
-
dBc
fCLK = 260MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
68
-
dBc
fCLK = 210MSPS, fOUT = 80.8MHz (Notes 4, 8)
-
56
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz (Notes 4, 8, 10)
-
67
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = 25°C (Notes 4, 8)
62
68
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = -40°C to 85°C (Notes 4, 8)
60
-
-
dBc
fCLK = 130MSPS, fOUT = 50.5MHz (Notes 4, 8)
-
59
-
dBc
fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
63
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
70
-
dBc
fCLK = 130MSPS, fOUT = 10.1MHz , T = -40°C to 85°C (Notes 4, 8)
70
75
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, (Notes 4, 8)
-
79
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
61
-
dBc
fCLK = 80MSPS, fOUT = 30.3MHz (Notes 4, 8)
-
64
-
dBc
fCLK = 80MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
71
-
dBc
fCLK = 80MSPS, fOUT = 10.1MHz (Notes 4, 8, 10)
-
75
-
dBc
fCLK = 80MSPS, fOUT = 5.05MHz (Notes 4, 8)
-
78
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
68
-
dBc
fCLK = 50MSPS, fOUT = 10.1MHz (Notes 4, 8)
-
75
-
dBc
fCLK = 50MSPS, fOUT = 5.05MHz (Notes 4, 8)
-
79
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with Eight Tones
fCLK = 210MSPS, fOUT = 28.3MHz to 45.2MHz, 2.1MHz Spacing,
50MHz Span (Notes 4, 8, 10)
-65
-
dBc
fCLK = 130MSPS, fOUT = 17.5MHz to 27.9MHz, 1.3MHz Spacing,
35MHz Span (Notes 4, 8)
-69
-
dBc
fCLK = 80MSPS, fOUT = 10.8MHz to 17.2MHz, 811kHz Spacing,
15MHz Span (Notes 4, 8)
-76
-
dBc
fCLK = 50MSPS, fOUT = 6.7MHz to 10.8MHz, 490kHz Spacing,
10MHz Span (Notes 4, 8)
-77
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with EDGE or GSM
fCLK = 78MSPS, fOUT = 11MHz, in a 20MHz Window, RBW = 30kHz
(Notes 4, 8, 10)
-94
-
dBc
Adjacent Channel Power Ratio,
ACPR with UMTS
fCLK = 76.8MSPS, fOUT = 19.2MHz, RBW = 30kHz (Notes 4, 8, 10)
-
71
-
dB
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 20 Voltage with Internal Reference
1.2
1.23
1.3
V
Internal Reference Voltage Drift
-
±40
-
ppm/°C
Internal Reference Output Current
Sink/Source Capability
Reference is not intended to drive an external load
-
0
-
µA
Reference Input Impedance
-1
-
M
Reference Input Multiplying Bandwidth (Note 8)
-
1.0
-
MHz
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
ISL5927


유사한 부품 번호 - ISL5927

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5927 INTERSIL-ISL5927 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

유사한 설명 - ISL5927

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com