전자부품 데이터시트 검색엔진 |
|
MC10EP01DT 데이터시트(PDF) 1 Page - ON Semiconductor |
|
MC10EP01DT 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2004 June, 2004 − Rev. 6 1 Publication Order Number: MC10EP01/D MC10EP01, MC100EP01 3.3V / 5VECL 4−Input OR/NOR The MC10EP01 is a 4−input OR/NOR gate. The device is functionally equivalent to the EL01 device, LVEL01, and E101 (a quad version). With AC performance much faster than the LVEL01 device, the EP01 is ideal for applications requiring the fastest AC performance available. The 100 Series contains temperature compensation. • 230 ps Typical Propagation Delay • Maximum Frequency > 3 GHz Typical • PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V • NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V • Open Input Default State • Pb−Free Package is Available *For additional marking information, refer to Application Note AND8002/D. H = MC10 K = MC100 A = Assembly Location L = Wafer Lot Y = Year W = Work Week SOIC−8 D SUFFIX CASE 751 MARKING DIAGRAMS* TSSOP−8 DT SUFFIX CASE 948R 1 8 1 8 ALYW KEP01 1 8 ALYW HP01 1 HEP01 1 8 ALYW ALYW KP01 8 1 8 http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ORDERING INFORMATION |
유사한 부품 번호 - MC10EP01DT |
|
유사한 설명 - MC10EP01DT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |