전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC53401 데이터시트(PDF) 22 Page - Texas Instruments

부품명 DAC53401
상세설명  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 데이터시트(HTML) 22 Page - Texas Instruments

Back Button DAC53401_V01 Datasheet HTML 18Page - Texas Instruments DAC53401_V01 Datasheet HTML 19Page - Texas Instruments DAC53401_V01 Datasheet HTML 20Page - Texas Instruments DAC53401_V01 Datasheet HTML 21Page - Texas Instruments DAC53401_V01 Datasheet HTML 22Page - Texas Instruments DAC53401_V01 Datasheet HTML 23Page - Texas Instruments DAC53401_V01 Datasheet HTML 24Page - Texas Instruments DAC53401_V01 Datasheet HTML 25Page - Texas Instruments DAC53401_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
22
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 11. Address Byte
COMMENT
MSB
LSB
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
General address
1
0
0
1
See Table 12 (slave address
column)
0 or 1
Broadcast address
1
0
0
0
1
1
1
0
Table 12. Address Format
SLAVE ADDRESS
A0 PIN
000
VDD
001
AGND
010
SDA
011
SCL
8.5.4 Command Byte
Table 17 lists the command byte.
Table 13. Command Byte (Register Names)
ADDRESS
REGISTER NAME
D0h
STATUS
D1h
GENERAL_CONFIG
D2h
MED_ALARM_CONFIG
D3h
TRIGGER
21h
DAC_DATA
25h
DAC_MARGIN_HIGH
26h
DAC_MARGIN_LOW
01h
PMBUS_OP
78h
PMBUS_STATUS_BYTE
98h
PMBUS_VERSION


유사한 부품 번호 - DAC53401_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401DSGRQ1 TI-DAC53401DSGRQ1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401DSGRQ1 TI-DAC53401DSGRQ1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

유사한 설명 - DAC53401_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com