전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HMJ325B7105KN8T 데이터시트(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

부품명 HMJ325B7105KN8T
상세내용  Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo 

HMJ325B7105KN8T 데이터시트(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
19QA08
RoHS compliance product
○HMJ325B7105KN8T
100V 3225 X7R 1uF +/- 10% t=2.1mmMAX
100V 1210 X7R 1uF +/- 10% t=0.083inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
HMJ325B7105KN8T
Capacitance Freq.
-100
-80
-60
-40
-20
0
20
0
20
40
60
80
100
DC Bias Voltage[V]
HMJ325B7105KN8T
DC Bias Char.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
HMJ325B7105KN8T
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Temperature[degreeC]
HMJ325B7105KN8T
Capacitance Temp.
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Ripple Current[Arms]
HMJ325B7105KN8T
Ripple Current
10kHz
100kHz
1MHz


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn