전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM53216004CKG 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KMM53216004CKG
상세설명  16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53216004CKG 데이터시트(HTML) 1 Page - Samsung semiconductor

  KMM53216004CKG Datasheet HTML 1Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 2Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 3Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 4Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 5Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 6Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 7Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 8Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DRAM MODULE
KMM53216004CK/CKG
4Byte 16Mx32 SIMM
Revision 0.0
June 1999
(16Mx4 base)


유사한 부품 번호 - KMM53216004CKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BKG SAMSUNG-KMM53216004BKG Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

유사한 설명 - KMM53216004CKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000BK SAMSUNG-KMM53216000BK Datasheet
364Kb / 18P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com