전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HMK105B7222MVHFE 데이터시트(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

부품명 HMK105B7222MVHFE
상세내용  Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo 

HMK105B7222MVHFE 데이터시트(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
19U1A08
RoHS compliance product
○HMK105B7222MVHFE
100V 1005 X7R 2200pF +/- 20% t=0.55mmMAX
100V 0402 X7R 2200pF +/- 20% t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
HMK105B7222M VHFE
Capacitance Freq.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
20
40
60
80
100
DC Bias Voltage[V]
HMK105B7222M VHFE
DC Bias Char.
0.01
0.1
1
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
HMK105B7222M VHFE
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Temperature[degreeC]
HMK105B7222M VHFE
Capacitance Temp.


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn