전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM53232000CK 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 KMM53232000CK
상세설명  32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53232000CK 데이터시트(HTML) 5 Page - Samsung semiconductor

  KMM53232000CK Datasheet HTML 1Page - Samsung semiconductor KMM53232000CK Datasheet HTML 2Page - Samsung semiconductor KMM53232000CK Datasheet HTML 3Page - Samsung semiconductor KMM53232000CK Datasheet HTML 4Page - Samsung semiconductor KMM53232000CK Datasheet HTML 5Page - Samsung semiconductor KMM53232000CK Datasheet HTML 6Page - Samsung semiconductor KMM53232000CK Datasheet HTML 7Page - Samsung semiconductor KMM53232000CK Datasheet HTML 8Page - Samsung semiconductor KMM53232000CK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DRAM MODULE
KMM53232000CK/CKG
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one Fast page mode cycle time,
tPC.
* NOTE :
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
Pd
IOS
-1 to +7.0
-1 to +7.0
-55 to +125
16
50
V
V
°C
W
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+2.0V at pulse width
≤ 20ns, which is measured at VCC.
*2 : -2.0V at pulse width
≤ 20ns, which is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0*2
5.0
0
-
-
5.5
0
VCC*1
0.8
V
V
V
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1
ICC2
ICC3
ICC4
ICC5
ICC6
I(IL)
I(OL)
VOH
VOL
Symbol
Speed
KMM53232000CK/CKG
Unit
Min
Max
ICC1
-5
-6
-
-
976
896
mA
mA
ICC2
Don
′t care
-
32
mA
ICC3
-5
-6
-
-
976
896
mA
mA
ICC4
-5
-6
-
-
576
496
mA
mA
ICC5
Don
′t care
-
16
mA
ICC6
-5
-6
-
-
976
896
mA
mA
II(L)
IO(L)
Don
′t care
-10
-10
10
10
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: Fast Page Mode Current * (RAS=VIL, CAS cycling :
tPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -5mA)
: Output Low Voltage Level (IOL = 4.2mA)


유사한 부품 번호 - KMM53232000CK

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BKG SAMSUNG-KMM53232000BKG Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

유사한 설명 - KMM53232000CK

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004CK SAMSUNG-KMM53632004CK Datasheet
475Kb / 21P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com