전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP31DR2 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC10EP31DR2
상세설명  D Flip Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31DR2 데이터시트(HTML) 5 Page - ON Semiconductor

  MC10EP31DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP31DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EP31, MC100EP31
http://onsemi.com
5
AC CHARACTERISTICS VCC = 0 V; VEE = –3.0 V to –5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 15.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 2. Fmax/JITTER)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
CLK to Q, Q
S, R to Q, Q
250
300
330
380
400
450
270
330
340
400
410
470
300
360
370
430
440
500
ps
tRR
Set/Reset Recovery
225
225
225
ps
tS
tH
Setup Time
Hold Time
100
150
100
150
100
150
ps
tPW
Minimum Pulse width
SET, RESET
550
450
550
450
550
450
ps
tJITTER
Cycle–to–Cycle Jitter
(See Figure 2. Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% – 80%)
50
120
180
60
130
200
70
150
220
ps
15. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 ohms to VCC–2.0 V.
0
100
200
300
400
500
600
700
800
900
1000
1100
0
1000
2000
3000
4000
5000
6000
1
2
3
4
5
6
7
8
9
10
11
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)


유사한 부품 번호 - MC10EP31DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP31DR2 ONSEMI-MC10EP31DR2 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DR2G ONSEMI-MC10EP31DR2G Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DR2G ONSEMI-MC10EP31DR2G Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
More results

유사한 설명 - MC10EP31DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com