전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2001MPX 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN2001MPX
상세설명  1A High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2001MPX 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN2001MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are referenced to AGND.
2. Junction to ambient thermal resistance,
θJA, is a strong function of PCB material, board thickness, thickness and number of copper planes, number of
via used, diameter of via used, available copper surface, and attached heat sink characteristics.
3. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
4. Refer to the applications section for further details.
Parameter
Min
Max
Unit
VIN, PVIN
-0.3
7
V
Voltage On Any Other Pin
-0.3
VIN
V
Lead Soldering Temperature (10 seconds)
260
°C
Junction Temperature
150
°C
Storage Temperature
-65
150
°C
Thermal Resistance-Junction to Tab (
θJC), 3x3mm 6-lead MLP (Note 2)
8
°C/W
Electrostatic Discharge Protection (ESD) Level (Note 3)
HBM
4
kV
CDM
1
Parameter
Min
Typ
Max
Unit
Supply Voltage Range
2.5
5.5
V
Output Voltage Range, Adjustable Version
0.8
VIN
V
Output Current
1A
Inductor (Note 4)
3.3
µH
Input Capacitor (Note 4)
10
µF
Output Capacitor (Note 4)
2 x 10
µF
Operating Ambient Temperature Range
-40
+85
°C
Operating Junction Temperature Range
-40
+125
°C


유사한 부품 번호 - FAN2001MPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2001MPX ONSEMI-FAN2001MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

유사한 설명 - FAN2001MPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com