전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2535S285X 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN2535S285X
상세설명  150 mA CMOS LDO Regulator with Fast Start, Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2535S285X 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2535S285X Datasheet HTML 3Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 4Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 5Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 6Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 7Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 8Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 9Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 10Page - Fairchild Semiconductor FAN2535S285X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
REV. 1.0.2 8/26/03
FAN2534/FAN2535
PRODUCT SPECIFICATION
Typical Performance Characteristics
Enable Delay
Disable Delay
Power on Delay
Ground Current vs
Ambient Temperature
Ripple Rejection Plot
Cout = 3.3µF, Cbyp = 10nF
Iload = 150mA
Cout = 3.3µF, Cbyp = 10nF
Iload = 150mA
Cout = 3.3µF, Cbyp = 10nF,
Iload = 150mA
Enable Delay = 152
µSec
VEN
VOUT
VEN
VOUT
VIN
VOUT
Cout = 3.3µF, Cbyp = 10nF,
Iload = 150mA
Disable Delay = 214
µSec
Cout = 3.3µF, Cbyp = 10nF, ILOAD = 150mA
Power on Delay = 150
µSec
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
70
80
90
100
110
ILOAD = 0mA
1.8µV
1.6µV
1.4µV
1.2µV
1µV
400nV
600nV
800nV
200nV
Noise Plot
-30
dB
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80


유사한 부품 번호 - FAN2535S285X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results

유사한 설명 - FAN2535S285X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com