전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC56-10PAS 데이터시트(PDF) 5 Page - Nexperia B.V. All rights reserved

부품명 BC56-10PAS
상세설명  45V/60V/80V, 1A NPN medium power transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC56-10PAS 데이터시트(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC56-10PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC54_55_56PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 11 November 2014
5 of 14
Nexperia
BC54PAS; BC55PAS; BC56PAS
45V/60V/80V, 1A NPN medium power transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and mounting pad for collector 1 cm2.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] 298
K/W
[2] 154
K/W
[3] 151
K/W
[4] 114
K/W
[5] 76
K/W
Rth(j-sp)
thermal resistance from junction
to solder point
in free air
20
K/W
FR4 PCB, single-sided copper, tin-plated and standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aac683
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02
0.25


유사한 부품 번호 - BC56-10PAS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC56-10PAS NEXPERIA-BC56-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

유사한 설명 - BC56-10PAS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
logo
SeCoS Halbleitertechnol...
BCP55 SECOS-BCP55 Datasheet
489Kb / 2P
   1A , 60V NPN Silicon Medium Power Transistor
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
logo
Mospec Semiconductor
2N4912 MOSPEC-2N4912 Datasheet
188Kb / 4P
   POWER TRANSISTORS(1A,80V,25W)
logo
Rohm
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
   Medium Power Transistor (60V, 1A)
2SD1834T100 ROHM-2SD1834T100 Datasheet
136Kb / 3P
   Medium Power Transistor (60V, 1A)
2SA2091S ROHM-2SA2091S Datasheet
97Kb / 4P
   Medium power transistor (-60V, -1A)
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6_16 Datasheet
691Kb / 8P
   COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
BCP5616Q DIODES-BCP5616Q Datasheet
380Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com