전자부품 데이터시트 검색엔진 |
|
1N5226AUR 데이터시트(PDF) 3 Page - Microsemi Corporation |
|
1N5226AUR 데이터시트(HTML) 3 Page - Microsemi Corporation |
3 / 3 page 500 mW GLASS SURFACE MOUNT ZENER DIODES S C O T T S DA L E D I V I SI ON 1N5221UR thru 1N5281BUR, e3 (or MLL5221 thru MLL5281B, e3) NOTE 1: Table as shown lists type numbers, which indicate a tolerance of +/-20% with guaranteed limits on only VZ, IR, and VF. Devices with guaranteed limits on all six parameters are indicated by suffix “A” for +/-10%, “B” for +/-5%, “C” for +/-2%, and “D” for +/-1% tolerance. NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds. NOTE 3: Temperature coefficient ( vz). Test conditions for temperature coefficient are as follows: a. IZT = 7.5 mA, T1 = 25oC, T2 = 125 oC (1N5221AUR & BUR thru 1N5242AUR & BUR) b. IZT = Rated IZT, T1 = 25oC, T2 = 125oC (1N5243AUR & BUR thru 1N5281AUR & BUR) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature. NOTE 4: These devices may be ordered as either 1N5221UR thru 1N5281BUR or as MLL5221 thru MLL5281B part numbers. GRAPHS Microsemi Scottsdale Division Page 3 Copyright 2005 8-29-2005 REV B TEC – End Cap Temperature ( oC), or TA Ambient Temperature on FR4 PC BOARD NOMINAL ZENER VOLTAGE (VOLTS) Voltage Temperature Coefficient %/ oC TEC TA mV Change /ºC FIGURE 1 FIGURE 2 POWER DERATING CURVE ZENER VOLTAGE TEMPERATURE COEFFICIENT vs. ZENER VOLTAGE PACKAGE DIMENSIONS PAD LAYOUT INCHES MILLIMETERS DIM MIN MAX MIN MAX A 0.063 0.067 1.60 1.70 B 0.130 0.146 3.30 3.70 C 0.016 0.022 0.41 0.55 INCHES mm A .200 5.08 B .055 1.40 C .080 2.03 FIGURE 3 CAPACITANCE vs. ZENER VOLTAGE (TYPICAL) 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |
유사한 부품 번호 - 1N5226AUR |
|
유사한 설명 - 1N5226AUR |