전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3036 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SI3036
상세설명  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SI3036 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SI3036 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Rev. 2.01 9/01
Copyright © 2001 by Silicon Laboratories
Si3038-DS201
Si3038
GLOBAL MC’97 SILICON DAA
Features
Complete DAA includes:
Applications
Description
The Si3038 is an integrated direct access arrangement (DAA) chipset that
provides a digital, programmable line interface to meet global telephone
line requirements. Available in two 16-pin small outline packages (AC’97
interface on Si3024 and phone-line interface on Si3014), the chipset
eliminates the need for an analog front end (AFE), an isolation
transformer, relays, opto-isolators, and a 2- to 4-wire hybrid. The Si3038
dramatically reduces the number of discrete components and cost
required to achieve compliance with global regulatory requirements. The
Si3024 complies with the AC’97 2.1 specification.
Functional Block Diagram
AC’97 2.1 Compliant
Primary or Secondary Codec
Global Phone Line Interface
Compliant with FCC, CTR21,
JATE, and Other PTTs
84 dB Dynamic Range TX/RX
Paths
3.3 V or 5 V Power Supply
Greater than 3000 V Isolation
Integrated Ring Detector
Wake-Up On Ring
Caller ID Support
Integrated Analog Front End
2- to 4-Wire Hybrid
Low-Power Standby Mode
Low Profile SOIC Packages
Patented ISOcap™ Technology
Software Modems
Audio/Telephony Sub-Systems
Audio/Modem Riser Cards (AMR)
Mobile Daughter Cards (MDC)
Mini-PCI Cards
Si3024
Clock
Control
Interface
Isolation
Interface
XOUT
MCLK/XIN
BIT_CLK
SYNC
GPIO_A
GPIO_B
RESET
SDATA_IN
AC'97
Digital
Interface
SDATA_OUT
ID0
ID1
Hybrid
and
DC
Termination
Ring Detect
Off-Hook
FILT
FILT2
REF
DCT
VREG2
REXT
REXT2
RNG1
RNG2
QB
QE
QE2
RX
Si3014
Isolation
Interface
VREG
US Patent # 5,870,046
US Patent # 6,061,009
Other Patents Pending
Ordering Information:
See page 59.
Pin Assignments
Si3024 (SOIC)
Si3024 (TSSOP)
Si3014 (SOIC or TSSOP)
116
215
314
413
512
611
710
89
GPIO_A
ID1
V
A
GND
C1A
ID0
AOUT
GPIO_B
MCLK/XIN
XOUT
BIT_CLK
SDA TA _IN
SY NC
SDATA_OUT
RESET
V
D
116
215
314
413
512
611
710
89
V
D
XOUT
MCLK/XIN
GPIO_A
GPIO_B
ID1
V
A
BIT_CLK
SDATA_IN
SDATA_OUT
SY NC
AOUT
C1A
ID0
GND
RESET
116
215
314
413
512
611
710
89
QE2
DCT
IGND
RNG1
QB
RNG2
QE
C1B
FILT2
RX
REXT
REXT2
REF
VREG2
VREG
FILT


유사한 부품 번호 - SI3036

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3036 ETC-SI3036 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

유사한 설명 - SI3036

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com