전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3012-KT 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 SI3012-KT
상세설명  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SI3012-KT 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3012-KT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3012-KT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Si3038
Rev. 2.01
11
Figure 7. AC-Link Low Power Mode Timing Diagram
Figure 8. ATE Test Mode Timing Diagram
Table 12. AC Link Timing Characteristics— Low Power Mode Timing
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Unit
End of Slot 2 to BIT_CLK, SDATA_IN
Low
Ts2_pdown
——
1.0
µs
Table 13. ATE Test Mode
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter1,2
Symbol
Min
Typ
Max
Unit
Setup to rising edge of RESET (also
applies to SYNC)
Tsetup2rst
15.0
ns
Rising edge of RESET to Hi-Z delay
Toff
25.0
ns
Notes:
1. All AC link signals are normally low through the trailing edge of RESET. Bringing SDATA_OUT high for the trailing edge
of RESET causes AC’97 AC-link outputs to go high impedance, which is suitable for ATE in circuit testing.
2. When the test mode has been entered, AC’97 must be issued another RESET with all AC-link signals low to return to
the normal operating mode.
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
Slot 1 Slot 2
Write to
0x56
Data
MLNK
Don't care
T
s2_pdow n
Note: BIT_CLK not to scale
RESET
SDATA_OUT
SDATA_IN, BIT_CLK
T
setup2rst
Hi-Z
T
off


유사한 부품 번호 - SI3012-KT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3012-KT ETC-SI3012-KT Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

유사한 설명 - SI3012-KT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com