전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H332 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10H332
상세설명  Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H332 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10H332 Datasheet HTML 1Page - ON Semiconductor MC10H332 Datasheet HTML 2Page - ON Semiconductor MC10H332 Datasheet HTML 3Page - ON Semiconductor MC10H332 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–13
REV 5
© Motorola, Inc. 1996
3/93
Dual Bus Driver/Receiver with
4-to-1 Output Multiplexers
The MC10H332 is a Dual Bus Driver/Receiver with four–to–one output
multiplexers. These multiplexers have common selects and output enable.
When disabled, (OE = high) the bus outputs go to –2.0 V. The parameters
specified are with 25
Ω loading on the bus drivers and 50 Ω loads on the
receivers.
• Propagation Delay, 1.5 ns Typical Data–to–Output
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
115
110
115
mA
Input Current High
Pins 3,4,5,6,14,
15,16,17
Pins 7,8
Pins 13, 18
IinH
667
437
456
417
273
285
417
273
285
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Data–to–Bus Output
Select–to–Bus
Output
OE–to–Bus Output
Bus–to–Receiver
Select–to–Receiver
RE–to–Receiver
Data–to–Receiver
tpd
0.8
0.8
0.8
0.8
1.8
0.8
1.3
3.0
3.4
2.4
2.1
4.5
2.2
4.0
0.8
0.8
0.8
0.8
1.8
0.8
1.3
3.0
3.4
2.4
2.1
4.5
2.2
4.0
0.8
0.8
0.8
0.8
1.8
0.8
1.3
3.2
3.8
2.6
2.4
5.0
2.5
4.5
ns
Rise Time
tr
0.5
2.0
0.5
2.0
0.5
2.1
ns
Fall Time
tf
0.5
2.0
0.5
2.0
0.5
2.1
ns
MC10H332
DIP & PLCC
PIN ASSIGNMENT
VCC
XBUS
X0
X1
X2
X3
S0
S1
VCC02
YBUS
OE
Y0
Y1
Y2
Y3
RE
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
XIN
VEE
YIN
VCC01
12
11
9
10
NOTE:
Each MECL 10H series circuit has been designed
to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed
circuit board and transverse air flow greater than
500 Ifpm is maintained. Receiver outputs are
terminated through a 50–ohm resistor to –2.0 volts
dc. Bus outputs are terminated through a 25–ohm
resistor to –2.0 volts dc.
L SUFFIX
CERAMIC PACKAGE
CASE 732–03
P SUFFIX
PLASTIC PACKAGE
CASE 738–03
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


유사한 부품 번호 - MC10H332

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H332 ONSEMI-MC10H332 Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
MC10H332FN ONSEMI-MC10H332FN Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
MC10H332FNG ONSEMI-MC10H332FNG Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
MC10H332FNR2 ONSEMI-MC10H332FNR2 Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
MC10H332FNR2G ONSEMI-MC10H332FNR2G Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
More results

유사한 설명 - MC10H332

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H332 ONSEMI-MC10H332_06 Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
MC10H330 ONSEMI-MC10H330 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Renesas Technology Corp
HD74HC153 RENESAS-HD74HC153 Datasheet
79Kb / 6P
   Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
HD74HC153 HITACHI-HD74HC153 Datasheet
45Kb / 8P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Renesas Technology Corp
HD74HC352 RENESAS-HD74HC352 Datasheet
84Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com