전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0300 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HCPL-0300
상세설명  8 MBd Low Input Current Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0300 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0300 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 14. Series Drive from Open Collector TTL/LSTTL
Units.
Figure 13. Active CMOS Series Drive Circuit.
Figure 12. Recommended Shunt Drive Circuit for Interfacing between TTL/LSTTL/CMOS Logic Systems.
provides guaranteed minimum
common mode immunity of
100 V/
µs while maintaining the
2:1 dynamic range of IF.
A recommended layout for use
with an internal 1000
Ω resistor
or an external pull-up resistor
and required VCC bypass capaci-
tor is given in Figure 19. VCC1 is
used with an external pull-up
resistor for output voltage levels
(VO) greater than or equal to 5 V.
As illustrated in Figure 19, an
optional VCC and GND trace can
be located between the input
and the output leads of the
HCPL-2300/HCPL-0300 to
provide additional noise
immunity at the compromise of
insulation capability (VI-O).
HCPL-2300/
HCPL-0300
HCPL-2300/
HCPL-0300
HCPL-2300/
HCPL-0300


유사한 부품 번호 - HCPL-0300

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0300 AVAGO-HCPL-0300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

유사한 설명 - HCPL-0300

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com