전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14001UB 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC14001UB
상세설명  UB-Suffix Series CMOS Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14001UB 데이터시트(HTML) 2 Page - ON Semiconductor

  MC14001UB Datasheet HTML 1Page - ON Semiconductor MC14001UB Datasheet HTML 2Page - ON Semiconductor MC14001UB Datasheet HTML 3Page - ON Semiconductor MC14001UB Datasheet HTML 4Page - ON Semiconductor MC14001UB Datasheet HTML 5Page - ON Semiconductor MC14001UB Datasheet HTML 6Page - ON Semiconductor MC14001UB Datasheet HTML 7Page - ON Semiconductor MC14001UB Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14001UB, MC14011UB
http://onsemi.com
2
LOGIC DIAGRAMS
MC14001UB
Quad 2−Input
NOR Gate
MC14011UB
Quad 2−Input
NAND Gate
VDD = PIN 14
VSS = PIN 7
FOR ALL DEVICES
13
12
9
8
6
5
2
1
3
4
10
11
13
12
9
8
6
5
2
1
3
4
10
11
PIN ASSIGNMENTS
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
MC14001UB
Quad 2−Input NOR Gate
MC14011UB
Quad 2−Input NAND Gate


유사한 부품 번호 - MC14001UB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001UBCP ONSEMI-MC14001UBCP Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UBCPG ONSEMI-MC14001UBCPG Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UBCPG ONSEMI-MC14001UBCPG Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
More results

유사한 설명 - MC14001UB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001UB ONSEMI-MC14001UB_06 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com