전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC7071 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 ILC7071
상세설명  100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7071 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  ILC7071 Datasheet HTML 1Page - Fairchild Semiconductor ILC7071 Datasheet HTML 2Page - Fairchild Semiconductor ILC7071 Datasheet HTML 3Page - Fairchild Semiconductor ILC7071 Datasheet HTML 4Page - Fairchild Semiconductor ILC7071 Datasheet HTML 5Page - Fairchild Semiconductor ILC7071 Datasheet HTML 6Page - Fairchild Semiconductor ILC7071 Datasheet HTML 7Page - Fairchild Semiconductor ILC7071 Datasheet HTML 8Page - Fairchild Semiconductor ILC7071 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.0.2 7/16/03
Features
1% output voltage accuracy
Low noise
Only 90
µA ground current at 100mA load
Ripple rejection up to 75 dB at 1kHz
Excellent line and load transient response
Guaranteed to 100mA output current
Industry standard five lead SOT-23 packages
Fixed 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V and
custom output voltage options
Applications
Cellular phones
Wireless communicators
PDAs/palmtops/organizers
Battery powered portable electronics
General Description
The ILC7071 is an 100mA, Low Noise, Low Dropout
(LDO) linear regulator, designed and processed in CMOS
technology. This process combines the best CMOS features
of low quiescent current, small size and low dropout voltage
with the best bipolar features of high ripple rejection, low
noise and power handling capability. The ILC7071 offers a
quiescent current of less than 100µA, a logic level enable
(regulator EN) pin, the size of the industry standard SOT-23
and a low dropout voltage of 25mV at 10mA. With better
than 70 dB (1kHz) of ripple rejection, low noise of 40µ
VRMS and 1% output voltage accuracy, the ILC7071 is
ideally suited for communications and personal electronics
applications.
Block Diagram
VIN
CN
EN
+
GND
VOUT
Error
Amplifier
Voltage
Reference
Thermal
Shut
Down
Trans-
conductance
Amplifier
Figure 1.
ILC7071
100mA SOT-23-5 Low Noise CMOS RF-LDO™
Regulator


유사한 부품 번호 - ILC7071

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-28 IMPALA-ILC7071AIM5-28 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-30 IMPALA-ILC7071AIM5-30 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-33 IMPALA-ILC7071AIM5-33 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-36 IMPALA-ILC7071AIM5-36 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

유사한 설명 - ILC7071

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Impala Linear Corporati...
ILC7070 IMPALA-ILC7070 Datasheet
321Kb / 6P
   SOT-23 CMOS LDO REGULATOR WITH SHUTDOWN
ILC7062 IMPALA-ILC7062 Datasheet
379Kb / 6P
   SOT-23 CMOS LDO
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com