전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7321D2PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7321D2PBF
상세설명  FETKY MOSFET & Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7321D2PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7321D2PBF Datasheet HTML 1Page - International Rectifier IRF7321D2PBF Datasheet HTML 2Page - International Rectifier IRF7321D2PBF Datasheet HTML 3Page - International Rectifier IRF7321D2PBF Datasheet HTML 4Page - International Rectifier IRF7321D2PBF Datasheet HTML 5Page - International Rectifier IRF7321D2PBF Datasheet HTML 6Page - International Rectifier IRF7321D2PBF Datasheet HTML 7Page - International Rectifier IRF7321D2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7321D2PbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
1
10
100
0.1
1
10
DS
20µs PULSE WIDTH
T = 25°C
A
-V
, Drain-to-Source Voltage (V)
J
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
1
10
100
0.1
1
10
DS
A
-V
, Drain-to-Source Voltage (V)
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
20µs PULSE WIDTH
T = 150°C
J
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20µs PULSE WIDTH
DS
Fig 4. Normalized On-Resistance
Vs.Temperature
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
4.9A
-
-
-4.9A
-10V
Power Mosfet Characteristics


유사한 부품 번호 - IRF7321D2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
214Kb / 8P
   Ideal For Buck Regulator Applications
IRF7321D2PBF IRF-IRF7321D2PBF_15 Datasheet
214Kb / 8P
   Ideal For Buck Regulator Applications
More results

유사한 설명 - IRF7321D2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
   FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com