전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G32GM 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AUP1G32GM
상세설명  Low-power 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G32GM 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G32GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G32GM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 14678
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 August 2005
10 of 16
Philips Semiconductors
74AUP1G32
Low-power 2-input OR gate
13. Waveforms
CL = 15 pF
tPHL, tPLH
propagation delay
A or B to Y
see Figure 6
VCC = 1.1 V to 1.3 V
3.0
15.6
3.0
17.2
ns
VCC = 1.4 V to 1.6 V
2.0
9.8
2.0
10.8
ns
VCC = 1.65 V to 1.95 V
1.8
7.9
1.8
8.7
ns
VCC = 2.3 V to 2.7 V
1.6
6.3
1.6
6.9
ns
VCC = 3.0 V to 3.6 V
1.5
5.8
1.5
6.4
ns
CL = 30 pF
tPHL, tPLH
propagation delay
A or B to Y
see Figure 6
VCC = 1.1 V to 1.3 V
4.0
21.5
4.0
23.7
ns
VCC = 1.4 V to 1.6 V
2.9
13.3
2.9
14.7
ns
VCC = 1.65 V to 1.95 V
2.4
10.7
2.4
11.8
ns
VCC = 2.3 V to 2.7 V
2.2
8.4
2.2
9.3
ns
VCC = 3.0 V to 3.6 V
2.1
7.7
2.1
8.5
ns
Table 10:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
The data input (A or B) to output (Y) propagation delays
Table 11:
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× VCC
0.5
× VCC
VCC
≤ 3.0 ns
mna615
tPHL
tPLH
VM
VM
A, B input
Y output
GND
VI
VOH
VOL


유사한 부품 번호 - 74AUP1G32GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G32GM NXP-74AUP1G32GM Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AUP1G32GM NEXPERIA-74AUP1G32GM Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GM-Q100 NEXPERIA-74AUP1G32GM-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results

유사한 설명 - 74AUP1G32GM

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
logo
NXP Semiconductors
74AUP1G32GF NXP-74AUP1G32GF Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
   Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com