전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7851 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HCPL-7851
상세설명  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7851 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-7851 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7851 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
DC Electrical Specifications
Over recommended operating conditions (TA = –55˚C to +125˚C, VIN+ = 0 V, VIN– = 0 V, VDD1 = 5 V and
VDD2 = 5 V, unless otherwise specified).
Group A[12]
Parameter
Symbol
Subgroups
Min.
Typ.* Max. Units
Test Conditions
Fig. Note
Input Offset
VOS
1,2,3
–1.0
0.6
5.0
mV
4.5 V
≤ VDD1, VDD2)
1,2,
2
Voltage
≤ 5.5 V
3
Gain
G
2,3
7.36
8.00
8.64
V/V
–200 mV
≤ VIN+ ≤ 200 mV 5,6,
4.5 V
≤ (VDD1, VDD2)7
≤ 5.5 V
1
7.60
8.00
8.4
200 mV
NL200
2,3
0.05
0.8
%
–200 mV
≤ VIN+ ≤ 200 mV 5,8,
3
Nonlinearity
4.5 V
≤ (VDD1, VDD2)
9,10,
≤ 5.5 V
12
1
0.05
0.2
100 mV
NL100
2,3
0.01
0.2
–100 mV
≤ VIN+ ≤ 100 mV 5,8,
Nonlinearity
4.5 V
≤ (VDD1, VDD2)
9,11,
≤ 5.5 V
12
1
0.01
0.1
Output
VOCM
1,2,3
2.20
2.56
2.80
V
–400 mV
≤ VIN+ ≤ 400 mV
Common-Mode
4.5 V
≤ (VDD1, VDD2)
Voltage
≤ 5.5 V
Input Supply
IDD1
1,2,3
10.7
15.5
mA
14,17
Current
Output Supply
IDD2
1,2,3
9.4
14.5
mA
15,17
Current
Input-Output
II–O
1
1.0
µA
RH = 45%, t = 5 sec.
11
Insulation
VI–O = 1500 Vdc,
Leakage
TA = 25˚C
Current
Maximum
|VIN+|
320
mV
4,12
Input Voltage
MAX
Before Output
Clipping
Average Input
IIN
–0.57
µA13
4
Bias Current
Average Input
RIN
480
k
Resistance
Input DC
CMRRIN
69
dB
5
Common-Mode
Rejection Ratio
Output
RO
1
Resistance
Output Low
VOL
1.28
V
VIN+ = 400 mV
4
6
Voltage
Output High
VOH
3.84
V
VIN+ = –400 mV
Voltage
Output Short-
|IOSC|11
mA
VOUT = 0 V or VDD2
7
Circuit Current
Resistance
RI–O
1012
VI–O = 500 Vdc
11
(Input-Output)
Capacitance
CI–O
2.7
pF
f = 1 MHz
(Input–Output)
VI–O = 0 Vdc
*All typicals are at the nominal operating conditions of VIN+ = 0 V, VIN– = 0 V, TA = 25˚C, VDD1 = 5 V and VDD2 = 5 V.


유사한 부품 번호 - HCPL-7851

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7851 AVAGO-HCPL-7851 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
HCPL-7851 BOARDCOM-HCPL-7851 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

유사한 설명 - HCPL-7851

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com