전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7850-100 데이터시트(PDF) 11 Page - Agilent(Hewlett-Packard)

부품명 HCPL-7850-100
상세설명  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7850-100 데이터시트(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7850-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7850-100 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Figure 20. Amplitude Response vs.
Frequency.
Figure 21. 3 dB Bandwidth vs.
Temperature.
Figure 22. RMS Input-Referred Noise
vs. Recommended Application Circuit
Bandwidth.
Figure 19. Propagation Delays and
Rise/Fall Time vs. Temperature.
TA – TEMPERATURE – °C
10
-40 -20
2
DELAY TO 90%
-60
80
0
RISE/FALL TIME
7
DELAY TO 50%
8
4
20 40 60
VIN– = 0 V
VIN+ = 0 TO 100 mV STEP
VDD1 = 5 V
VDD2 = 5 V
3
6
9
5
100 120 140
f – FREQUENCY – kHz
0
5
-4
1
500
10
-2
-1
-3
50 100
VDD1 = 5 V
VDD2 = 5 V
TA = 25 °C
-40 -20
-60
80
0
20 40 60
100 120 140
TA – TEMPERATURE – °C
160
40
100
140
80
120
60
VDD1 = 5 V
VDD2 = 5 V
f – FREQUENCY – KHz
2.5
10
0
VIN+ = 200 mV
5
500
50
VIN+ = 0 mV
VIN+ = 100 mV
2.0
0.5
100
TA = 25°C
VDD1 = 5 V
VDD2 = 5 V
1.5
1.0


유사한 부품 번호 - HCPL-7850-100

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7850 AVAGO-HCPL-7850 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
HCPL-7850 BOARDCOM-HCPL-7850 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

유사한 설명 - HCPL-7850-100

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com