전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS71024U-10 데이터시트(PDF) 9 Page - GSI Technology

부품명 GS71024U-10
상세설명  64K x 24 1.5Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024U-10 데이터시트(HTML) 9 Page - GSI Technology

Back Button GS71024U-10 Datasheet HTML 5Page - GSI Technology GS71024U-10 Datasheet HTML 6Page - GSI Technology GS71024U-10 Datasheet HTML 7Page - GSI Technology GS71024U-10 Datasheet HTML 8Page - GSI Technology GS71024U-10 Datasheet HTML 9Page - GSI Technology GS71024U-10 Datasheet HTML 10Page - GSI Technology GS71024U-10 Datasheet HTML 11Page - GSI Technology GS71024U-10 Datasheet HTML 12Page - GSI Technology GS71024U-10 Datasheet HTML 13Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
9/13
© 1999, GSI Technology
Write Cycle 1: WE control
Write Cycle 2: CE control
tWC
Address
CE1(*1)
V/S
WE
Data In
OE
Data Out
tAW
tCW
tVW
tAS
tWP
tWR
tDW
tDH
tWLZ
tWHZ
Data valid
High impedance
(*2)
(*3)
(*3)
tVS
*1 CE1 represents both CE1 low and CE2 high.
*2 Write is executed when both CE1 and WE are at low simultaneously.
*3 Do not apply the data input voltage to the output while DQ pin is in output condition.
tWC
Address
CE1(*1)
V/S
WE
Data In
OE
Data Out
tAW
tWP
tAS
tCW
tWR1
tDW
tDH
Data valid
High impedance
tVW
*1 CE1 represents both CE1 low and CE2 high.


유사한 부품 번호 - GS71024U-10

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS71108AGJ-10 ETC2-GS71108AGJ-10 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-10I ETC2-GS71108AGJ-10I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12 ETC2-GS71108AGJ-12 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12I ETC2-GS71108AGJ-12I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-7 ETC2-GS71108AGJ-7 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results

유사한 설명 - GS71024U-10

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
logo
Taiwan Memory Technolog...
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
   64K x 64 SRAM???
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com