전자부품 데이터시트 검색엔진 |
|
GS71024U-8I 데이터시트(PDF) 8 Page - GSI Technology |
|
GS71024U-8I 데이터시트(HTML) 8 Page - GSI Technology |
8 / 13 page GS71024T/U Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 11/2004 8/13 © 1999, GSI Technology * These parameters are sampled and are not 100% tested Write Cycle Parameter Symbol -8 -9 -10 -12 -15 Unit MinMax MinMax MinMax MinMax MinMax Write cycle time tWC 8— 9— 10 — 12 — 15 — ns Address valid to end of write tAW 5.5 — 6.25 — 7 — 8 — 10 — ns Chip enable to end of write (CE1, CE2) tCW 5.5 — 6.25 — 7 — 8 — 10 — ns MUX control to end of write (V/S) tVW 5.5 — 6.25 — 7 — 8 — 10 — ns Data set up time tDW 4— 4.5 — 5—6 — 7 — ns Data hold time tDH 0— 0— 0—0 — 0 — ns Write pulse width tWP 5.5 — 6.25 — 7 — 8 — 10 — ns Address set up time tAS 0— 0— 0—0 — 0 — ns MUX control set up time tVS 0— 0— 0—0 — 0 — ns Write recovery time (WE) tWR 0— 0— 0—0 — 0 — ns Write recovery time (V/S, CE1, CE2 ) tWR1 0— 0— 0—0 — 0 — ns Output Low Z from end of write tWLZ* 2— 2.5 — 3—3 — 3 — ns Write to output in High Z tWHZ* —4 — 4.5 —5 — 6 — 7 ns |
유사한 부품 번호 - GS71024U-8I |
|
유사한 설명 - GS71024U-8I |