전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LJXX08D8 데이터시트(PDF) 1 Page - Littelfuse

부품명 LJXX08D8
상세설명  8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJXX08D8 데이터시트(HTML) 1 Page - Littelfuse

  LJXX08D8 Datasheet HTML 1Page - Littelfuse LJXX08D8 Datasheet HTML 2Page - Littelfuse LJXX08D8 Datasheet HTML 3Page - Littelfuse LJXX08D8 Datasheet HTML 4Page - Littelfuse LJXX08D8 Datasheet HTML 5Page - Littelfuse LJXX08D8 Datasheet HTML 6Page - Littelfuse LJXX08D8 Datasheet HTML 7Page - Littelfuse LJXX08D8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 06/04/19
Thyristors
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
LJxx08xx & QJxx08xHx Series
Main Features
Description
This 8 A High Temperature Alternistor Triac solid state
switch series is designed for AC switching and phase
control applications such as motor speed and temperature
modulation controls, lighting controls, and static switching
relays.
Sensitive type components guarantee gate control in
Quadrants I & IV as needed for digital control circuitry.
Alternistor type components only operate in quadrants I, II,
& III and are used in circuits requiring high dv/dt capability.
Symbol
Value
Unit
I
T(RMS)
8
A
V
DRM/VRRM
400 or 600
V
I
GT (Q1)
10 to 35
mA
Features & Benefits
• 150°C maximum junction
temperature
• Voltage capability up
to 600V
• Surge capability up
to 84A at 60Hz half cycle
• Solid-state switching
eliminates arcing or
contact bounce that
create voltage transients
• No contacts to wear out
from reaction of switching
events
• Restricted (or limited) RFI
generation, depending on
activation point of
sine wave
• Requires only a short gate
activation pulse in each
half-cycle
• Halogen free and RoHS
compliant
Applications
Excellent for AC switching and phase control applications
such as heating, lighting, and motor speed controls.
Typical applications are AC solid-state switches, light
dimmers, power tools, home/brown goods and white
goods appliances.
Alternistor Triacs (no snubber required) are used in
applications with high inductive loads requiring the highest
commutation performance.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
Schematic Symbol
MT2
MT1
G
RoHS


유사한 부품 번호 - LJXX08D8

제조업체부품명데이터시트상세설명
logo
Littelfuse
LJXX06D8RP LITTELFUSE-LJXX06D8RP Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX06D8TP LITTELFUSE-LJXX06D8TP Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX06V8TP LITTELFUSE-LJXX06V8TP Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
More results

유사한 설명 - LJXX08D8

제조업체부품명데이터시트상세설명
logo
Littelfuse
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com