전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4265-CNZ 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS4265-CNZ
상세설명  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265-CNZ 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS4265-CNZ Datasheet HTML 5Page - Cirrus Logic CS4265-CNZ Datasheet HTML 6Page - Cirrus Logic CS4265-CNZ Datasheet HTML 7Page - Cirrus Logic CS4265-CNZ Datasheet HTML 8Page - Cirrus Logic CS4265-CNZ Datasheet HTML 9Page - Cirrus Logic CS4265-CNZ Datasheet HTML 10Page - Cirrus Logic CS4265-CNZ Datasheet HTML 11Page - Cirrus Logic CS4265-CNZ Datasheet HTML 12Page - Cirrus Logic CS4265-CNZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
CS4265
DS657A2
9
DAC COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
Notes: 6. Filter response is guaranteed by design.
7. For Single Speed Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For Double Speed Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
For Quad Speed Mode, the Measurement Bandwidth is 0.7 Fs to 1 Fs.
8. De-emphasis is available only in Single Speed Mode.
9. Response is clock dependent and will scale with Fs. Note that the amplitude vs. frequency plots of this
data (Figures 18 to 27) have been normalized to Fs and can be de-normalized by multiplying the X-axis
scale by Fs.
Parameter (Note 6,9)
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response
Single Speed Mode
Passband (Note 6)
to -0.05 dB corner
to -3 dB corner
0
0
-
-
.4780
.4996
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.01
-
+.08
dB
StopBand
.5465
-
-
Fs
StopBand Attenuation
(Note 7)
50
-
-
dB
Group Delay
tgd
-
10/Fs
-
s
De-emphasis Error (Note 8)
Fs = 44.1 kHz
-
-
+.05/-.25
dB
Combined Digital and On-chip Analog Filter Response
Double Speed Mode
Passband (Note 6)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
.4650
.4982
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.05
-
+.2
dB
StopBand
.5770
-
-
Fs
StopBand Attenuation
(Note 7)
55
-
-
dB
Group Delay
tgd
-
5/Fs
-
s
Combined Digital and On-chip Analog Filter Response
Quad Speed Mode
Passband (Note 6)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.397
0.476
Fs
Fs
Frequency Response 10 Hz to 20 kHz
0
-
+0.00004
dB
StopBand
0.7
-
-
Fs
StopBand Attenuation
(Note 7)
51
-
-
dB
Group Delay
tgd
-
2.5/Fs
-
s


유사한 부품 번호 - CS4265-CNZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-CNZR CIRRUS-CS4265-CNZR Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

유사한 설명 - CS4265-CNZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com