전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QJ8012XHX 데이터시트(PDF) 2 Page - Littelfuse

부품명 QJ8012XHX
부품 상세설명  12 Amp High Temperature Alternistor Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QJ8012XHX 데이터시트(HTML) 2 Page - Littelfuse

  QJ8012XHX Datasheet HTML 1Page - Littelfuse QJ8012XHX Datasheet HTML 2Page - Littelfuse QJ8012XHX Datasheet HTML 3Page - Littelfuse QJ8012XHX Datasheet HTML 4Page - Littelfuse QJ8012XHX Datasheet HTML 5Page - Littelfuse QJ8012XHX Datasheet HTML 6Page - Littelfuse QJ8012XHX Datasheet HTML 7Page - Littelfuse QJ8012XHX Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revised: 07/18/19
Specifications are subject to change without notice.
©2019 Littelfuse, Inc
Thyristors
12 Amp High Temperature Alternistor Triacs
QJ8012xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
QJxx12xH4
QJxx12H5
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
35
50
mA
V
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
1.3
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 150°C
I – II – III
MIN.
0.2
0.2
V
I
H
I
T = 100mA
MAX.
40
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 150°C
MIN.
450
700
V/μs
V
D = 67% VDRM Gate Open TJ = 100°C
600
1000
(dv/dt)c
(di/dt)c = 6.5 A/ms T
J = 150°C
MIN.
2
30
V/μs
t
gt
I
G = 2 x IGT
PW = 15μs I
T = 17.0 A(pk)
TYP.
7(TBD)
9 (TBD)
μs
Absolute Maximum Ratings — Alternistor (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
QJxx12LHy
T
C = 120°C
12
A
QJxx12RHy
QJxx12NHy
T
C = 132°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
110
A
f = 60 Hz
t = 16.7 ms
120
I2t
I2t Value for fusing
t
p = 8.3 ms
60
A2s
di/dt
Critical rate of rise of on-state current
f = 60 Hz
T
J = 150°C
70
A/μs
I
GTM
Peak gate trigger current
t
p = 20 μs
T
J = 150°C
4
A
P
G(AV)
Average gate power dissipation
T
J = 150°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 150
°C
V
DSM/VRSM
Peak non-repetitive blocking voltage
Pulse Width = 100μs
V
DRM/VRRM+200
V
Note: xx = voltage/10, y = sensitivity
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 17.0A tp = 380 µs
MAX.
1.60
V
I
DRM
I
RRM
V
D = VDRM / VRRM
T
J = 25°C
MAX.
10
μA
T
J = 150°C
3
mA
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(JC)
Junction to case (AC)
QJxx12RHy
QJxx12NHy
1.2
°C/W
QJxx12LHy
2.3
R
θ(J-A)
Junction to ambient (AC)
QJxx12RHy
45
°C/W
QJxx12LHy
90
Note: xx = voltage/10, y = sensitivity


유사한 부품 번호 - QJ8012XHX

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
QJ8008D5 LITTELFUSE-QJ8008D5 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008D8 LITTELFUSE-QJ8008D8 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH2 LITTELFUSE-QJ8008DH2 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH3 LITTELFUSE-QJ8008DH3 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH4 LITTELFUSE-QJ8008DH4 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
More results

유사한 설명 - QJ8012XHX

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
List of Unclassifed Manufacturers
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
Teccor Electronics
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
Littelfuse
Littelfuse
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com