전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QJ8012XHX 데이터시트(PDF) 4 Page - Littelfuse

부품명 QJ8012XHX
부품 상세설명  12 Amp High Temperature Alternistor Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QJ8012XHX 데이터시트(HTML) 4 Page - Littelfuse

  QJ8012XHX Datasheet HTML 1Page - Littelfuse QJ8012XHX Datasheet HTML 2Page - Littelfuse QJ8012XHX Datasheet HTML 3Page - Littelfuse QJ8012XHX Datasheet HTML 4Page - Littelfuse QJ8012XHX Datasheet HTML 5Page - Littelfuse QJ8012XHX Datasheet HTML 6Page - Littelfuse QJ8012XHX Datasheet HTML 7Page - Littelfuse QJ8012XHX Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revised: 07/18/19
Specifications are subject to change without notice.
©2019 Littelfuse, Inc
Thyristors
12 Amp High Temperature Alternistor Triacs
QJ8012xHx Series
Figure 8: On-State Current vs. On-State Voltage
(Typical)
0
2
4
6
8
10
12
14
16
18
20
0.70.8
0.91
1.11.2
1.31.4
1.51.6
Positive or Negative Instantaneous On-State Voltage
(VT) -Volts
Figure 7: Maximum Allowable Ambient Temperature
vs. On-State Current
20
40
60
80
100
120
140
160
00.2 0.40.6 0.81 1.21.4 1.61.8 22.2 2.42.6
RMS On-State Current [I T(RMS)] -(Amps)
QJxx12RHy
QJxx12NHy
QJxx12LHy
1
10
100
1000
1000
10
1
Surge Current Duration - Full Cycles
100
Figure 9: Surge Peak On-State Current vs. Number of Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State Current [I
T(RMS) : Maximum]
Rated Value at Specific Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.


유사한 부품 번호 - QJ8012XHX

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
QJ8008D5 LITTELFUSE-QJ8008D5 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008D8 LITTELFUSE-QJ8008D8 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH2 LITTELFUSE-QJ8008DH2 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH3 LITTELFUSE-QJ8008DH3 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH4 LITTELFUSE-QJ8008DH4 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
More results

유사한 설명 - QJ8012XHX

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
List of Unclassifed Manufacturers
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
Teccor Electronics
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
Littelfuse
Littelfuse
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com