전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QJ8012XHX 데이터시트(PDF) 1 Page - Littelfuse

부품명 QJ8012XHX
부품 상세설명  12 Amp High Temperature Alternistor Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QJ8012XHX 데이터시트(HTML) 1 Page - Littelfuse

  QJ8012XHX Datasheet HTML 1Page - Littelfuse QJ8012XHX Datasheet HTML 2Page - Littelfuse QJ8012XHX Datasheet HTML 3Page - Littelfuse QJ8012XHX Datasheet HTML 4Page - Littelfuse QJ8012XHX Datasheet HTML 5Page - Littelfuse QJ8012XHX Datasheet HTML 6Page - Littelfuse QJ8012XHX Datasheet HTML 7Page - Littelfuse QJ8012XHX Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revised: 07/26/19
Specifications are subject to change without notice.
©2019 Littelfuse, Inc
Thyristors
12 Amp High Temperature Alternistor Triacs
QJ8012xHx Series
QJ8012xHx Series
Description
This 12A high temperature Alternistor TRIAC, offered in
TO-220AB, TO-220 isolated and TO-263 package, has 150°C
maximum junction temperature and 120A ITSM(60Hz).
This series enables easier thermal management and higher
surge handling capability in AC power control applications
such as heater control, motor speed control, lighting
controls, and static switching relays. Alternistor TRIAC
operates in quadrants I, II, & III and offers high performance
in applications requiring high commutation capability.
Main Features
Symbol
Value
Unit
I
T(RMS)
12
A
V
DRM/VRRM
800
V
I
GT (Q1)
35 or 50
mA
Features & Benefits
• Recognized to UL 1557
as an Electrically Isolated
Semiconductor Devices
• Glass – passivated
junctions
• Surge capability up to
120 A
• The L-package has
an isolation rating of
2500V
RMS
• Solid-state switching
eliminates arcing or
contact bounce that
create voltage transients
• No contacts to wear
out from reaction of
switching events
• Restricted (or limited) RFI
generation, depending
on activation point sine
wave
• Requires only a small
gate activation pulse in
each half-cycle
• RoHS Compliant
Schematic Symbol
Applications
Excellent for AC switching and phase control applications
such as heating, lighting, and motor speed controls.
Typical applications are AC solid-state switches, light
dimmers, power tools, lawn care equipment, home/brown
goods and white goods appliances.
Alternistor Triacs (no snubber required) are used in
applications with extremely inductive loads requiring
highest commutation performance.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
MT2
MT1
G
Agency Recognitions
Agency
Agency File Number
E71639*
RoHS
* - L Package only


유사한 부품 번호 - QJ8012XHX

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
QJ8008D5 LITTELFUSE-QJ8008D5 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008D8 LITTELFUSE-QJ8008D8 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH2 LITTELFUSE-QJ8008DH2 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH3 LITTELFUSE-QJ8008DH3 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
QJ8008DH4 LITTELFUSE-QJ8008DH4 Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
More results

유사한 설명 - QJ8012XHX

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
List of Unclassifed Manufacturers
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
Teccor Electronics
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
Littelfuse
Littelfuse
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com