전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4922-CL 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS4922-CL
상세설명  MPEG/G.729A AUDIO DECODER SYSTEM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922-CL 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS4922-CL Datasheet HTML 4Page - Cirrus Logic CS4922-CL Datasheet HTML 5Page - Cirrus Logic CS4922-CL Datasheet HTML 6Page - Cirrus Logic CS4922-CL Datasheet HTML 7Page - Cirrus Logic CS4922-CL Datasheet HTML 8Page - Cirrus Logic CS4922-CL Datasheet HTML 9Page - Cirrus Logic CS4922-CL Datasheet HTML 10Page - Cirrus Logic CS4922-CL Datasheet HTML 11Page - Cirrus Logic CS4922-CL Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CS4922
8
SWITCHING CHARACTERISTICS - CONTROL PORT (SPI MODE) (T
A = 25 °C;
VA+, VD+ = 5V; Inputs: Logic 0 = DGND, Logic 1 = VD+, CL = 20pF)
Notes: 6. Data must be held for sufficient time to bridge 300(50) ns transition time of SCK/SCL.
7. CDOUT should NOT be sampled during this time period.
8. REQ will only go HIGH if there is no data in SCPOUT at the rising edge of SCL/SCK during a READ
operation as shown. DSP frequency is 20 MHz. Pull-up resistor is 2 k
Ω. C
L = 20 pF.
9. If REQ went HIGH as indicated in note 7, then REQ will hold high at least until the next rising edge of
SCK/SCL. If data is in SCPOUT at this time REQ will go active LOW again. This condition should be
treated as a new READ process. Address and R/W bit should be sent again.
Parameter
Symbol
Min
Max
Units
SPI Mode (CS = 0)
SCK/SCL Clock Frequency
(slow mode)
(fast mode)
fsck
fsck
-
-
350
2000
kHz
CS Falling to SCK/SCL Rising
(slow mode)
tcss
20
-
ns
Rise Time of Both CDIN and SCK/SCL Lines
(slow mode)
tr
-50
ns
Fall Time of Both CDIN and SCK/SCL Lines
(slow mode)
(fast mode)
tf
tf
-
-
300
50
ns
ns
SCK/SCL Low Time
(slow mode)
(fast mode)
tscl
tscl
1100
150
-
-
ns
ns
SCK/SCL High Time
(slow mode)
(fast mode)
tsch
tsch
1100
150
-
-
ns
ns
Setup Time CDIN to SCK/SCL Rising
(slow mode)
(fast mode)
tcdisu
250
50
-
-
ns
ns
Hold Time SCK/SCL Rising to CDIN
(Note 6)
tcdih
50
-
ns
Transition Time from SCK/SCL to CDOUT Valid
(Note 7)
tscdov
-40
ns
Time from SCK/SCL Rising to REQ Rising
(Note 7)
tscrh
-200
ns
Rise Time for REQ
(Note 8)
trr
-50
ns
Fall Time for REQ
(Note 9)
trf
-20
ns
Hold Time for REQ from SCK/SCL Rising
(Note 9)
tscrl
0-
ns
Time from SCK/SCL Falling to CS Rising
tsccsh
20
-
ns
High Time Between Active CS
tcsht
200
-
ns


유사한 부품 번호 - CS4922-CL

제조업체부품명데이터시트상세설명
logo
High Voltage Power Solu...
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
   200 KV RECTIFIER
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
CS4923-CL CIRRUS-CS4923-CL Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
CS492301-CL CIRRUS-CS492301-CL Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
CS492305-CL CIRRUS-CS492305-CL Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
More results

유사한 설명 - CS4922-CL

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
NXP Semiconductors
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
W9925PF WINBOND-W9925PF Datasheet
21Kb / 1P
   MPEG-1 A/V SYSTEM DECODER
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com