전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA2400ABE 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 SA2400ABE
상세설명  Single chip transceiver for 2.45 GHz ISM band
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2400ABE 데이터시트(HTML) 4 Page - NXP Semiconductors

  SA2400ABE Datasheet HTML 1Page - NXP Semiconductors SA2400ABE Datasheet HTML 2Page - NXP Semiconductors SA2400ABE Datasheet HTML 3Page - NXP Semiconductors SA2400ABE Datasheet HTML 4Page - NXP Semiconductors SA2400ABE Datasheet HTML 5Page - NXP Semiconductors SA2400ABE Datasheet HTML 6Page - NXP Semiconductors SA2400ABE Datasheet HTML 7Page - NXP Semiconductors SA2400ABE Datasheet HTML 8Page - NXP Semiconductors SA2400ABE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Philips Semiconductors
Product data
SA2400A
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
4
5. PINNING INFORMATION
SR02387
SA2400A
TX_IN_I_P/
TX_DATA_I
TX_IN_I_M/
TX_DATA_Q
TX_IN_Q_P
TX_IN_Q_M
RX_OUT_Q_P
RX_OUT_Q_M
RX_OUT_I_P
RX_OUT_I_M
D_GND
REF_CLK_OUT
PLL_GND
AGCRESET
AGCSET
IDCOUT
A_GND
GND_LNA
RF_IN_P
RF_IN_N
GND_LNA
TEST1
TEST2
V_2P5
A_VDD
A_VDD
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Figure 2.
Pin configuration.


유사한 부품 번호 - SA2400ABE

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
SA2400 TAOGLAS-SA2400 Datasheet
184Kb / 3P
   2.4 GHz Steerable Wi-Fi Motorized Antenna Array
More results

유사한 설명 - SA2400ABE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
Microchip Technology
MRF49XAT-I-ST MICROCHIP-MRF49XAT-I-ST Datasheet
1Mb / 102P
   ISM Band Sub-GHz RF Transceiver
08/02/11
logo
ATMEL Corporation
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com