전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS42416-CQZ 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS42416-CQZ
상세설명  110 dB, 192kHz 6-Ch CODEC WITH PLL
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416-CQZ 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS42416-CQZ Datasheet HTML 5Page - Cirrus Logic CS42416-CQZ Datasheet HTML 6Page - Cirrus Logic CS42416-CQZ Datasheet HTML 7Page - Cirrus Logic CS42416-CQZ Datasheet HTML 8Page - Cirrus Logic CS42416-CQZ Datasheet HTML 9Page - Cirrus Logic CS42416-CQZ Datasheet HTML 10Page - Cirrus Logic CS42416-CQZ Datasheet HTML 11Page - Cirrus Logic CS42416-CQZ Datasheet HTML 12Page - Cirrus Logic CS42416-CQZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
CS42416
VLS
VD
AOUTA1+
24
0.1 µF
+
10 µF
100 µF
0.1 µF
+
+
17
18
VQ
FILT+
36
37
0.1 µF
4.7 µF
VA
+
10 µF
0.1 µF
51
53
AOUTA1-
AOUTB1+
35
34
AOUTB1-
AOUTA2+
32
33
AOUTA2-
AOUTB2+
31
30
AOUTB2-
AOUTA3+
28
29
AOUTA3-
AOUTB3+
27
26
AOUTB3-
MUTEC
38
25
DGND DGND
5
VLC
0.1 µF
6
3
60
59
1
64
61
2
63
8
7
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
12
9
OMCK
ADC_LRCK
REFGND
19
AD0/CS
10
INT
11
55
RMCK
58
ADCIN1
57
ADCIN2
56
ADC_SDOUT
48
46
44
45
47
43
41
4
VA
VD
0.1 µF
AGND
AGND
52
40
LPFLT
39
AINL+
AINL-
AINR+
AINR-
15
16
14
13
42
GPO1
GPO2
GPO3
GPO4
GPO5
GPO6
GPO7
DAC_SDIN1
ADC_SCLK
DAC_SDIN3
DAC_SDIN2
DAC_LRCK
DAC_SCLK
0.01 µF
0.1 µF
+
10 µF
+5 V
0.01 µF
0.01 µF
+3.3 V to +5 V
+
10 µF
0.1 µF
0.01 µF
Analog Output Buffer 2
and
Mute Circuit (optional)
Mute
Drive
(optional)
2700 pF*
2700 pF*
Left Analog Input
Right Analog Input
Analog
Input
Buffer 1
Analog
Input
Buffer 1
+VA
*
* Pull up or down as
required on startup if the
Mute Control is used.
*
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Connect DGND and AGND at single point near Codec
CFILT 3
RFILT 3
CRIP 3
2 k
2 k
**
**
** Resistors are required for
I2C control port operation
1. See the ADC Input Filter section in the Appendix.
2. See the DAC Output Filter section in the Appendix.
3. See the PLL Filter section in the Appendix.
+1.8 V
to +5.0 V
DVD
Processor
27 MHz
Figure 2. Typical Connection Diagram using the PLL
CS42416


유사한 부품 번호 - CS42416-CQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZR CIRRUS-CS42416-CQZR Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
More results

유사한 설명 - CS42416-CQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42418 CIRRUS-CS42418 Datasheet
1Mb / 67P
   110 dB, 192kHz 8-Ch CODEC WITH PLL
CS42426 CIRRUS-CS42426 Datasheet
1Mb / 67P
   114 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428 Datasheet
1Mb / 67P
   114 dB, 192kHz 8-Ch CODEC WITH PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com